Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STEVAL-MKI109D Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STEVAL-MKI109D
Descripción Electrónicos  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI109D Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-MKI109D Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 4Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 5Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 6Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 7Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 8Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Figure 2. STEVAL-MKI109D circuit schematic (2 of 11)
GND
GND
5Vin_1
Power & Reference for Idd measurement
GND
REF_3.00V
VDDIO
To Level Shifters VL
10uF
C39
GND
5Vin_1
GND
4.3V_A
GND
Ref 2.50V
5Vin_1
Vin
1uF
C35
GND
10R
R86
22R
R98
22R
R93
10uF
C41
10uF
C37
4.3V_B
100nF
C38
100nF
C42
4.3V_B
4.3V_A
2
2
3
3
1
1
TSV632IQ2T
U11A
6
6
5
5
7
7
TSV632IQ2T
U11B
U11C
100nF
C80
GND
5Vin_1
6
6
5
5
7
7
TSZ122IQ2T
U33B
Ref 2.50V
Au = 1.20
22nF
C29
22nF
C31
GND
GND
20k
R77
0.1%
100k
R78
0.1%
10R
R76
Ref 3.00V
VDD_A_3.6V
Sense_Lo_B
Sense_Lo_B
330k
R73
4k7
R95
0.1%
4k7
R99
0.1%
GND
1k
R44
22nF
C17
GND
20k
R72
0.1%
100k
R74
0.1%
Au = 1.20
Ref 3.00V
110k
R97
150k
R96
GND
GND
GND
10R
R159
2
2
3
3
1
1
TSV632IQ2T
U18A
6
6
5
5
7
7
TSV632IQ2T
U18B
U18C
100nF
C46
GND
5Vin_1
5Vin_1
GND
10uF
C43
GND
10uF
C44
GND
5Vin_1
10uF
C45
GND
5Vin_1
100nF
C47
GND
10k
R36
0.1%
10k
R43
0.1%
GND
ADC_V_B
2
2
3
3
1
1
TSZ122IQ2T
U33A
Sense_Lo_B
GND
22nF
C16
4.3V_B
GND
U33C
10k
R75
4.3V_B
4.3V_B
4.3V_A
4.3V_B
TS3431CILT
U10
FB2
VddA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com