Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

751K Datasheet(PDF) 10 Page - TYEE Products Inc

No. de pieza 751K
Descripción Electrónicos  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TYEE [TYEE Products Inc]
Página de inicio  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

751K Datasheet(HTML) 10 Page - TYEE Products Inc

Back Button 751K Datasheet HTML 6Page - TYEE Products Inc 751K Datasheet HTML 7Page - TYEE Products Inc 751K Datasheet HTML 8Page - TYEE Products Inc 751K Datasheet HTML 9Page - TYEE Products Inc 751K Datasheet HTML 10Page - TYEE Products Inc 751K Datasheet HTML 11Page - TYEE Products Inc 751K Datasheet HTML 12Page - TYEE Products Inc 751K Datasheet HTML 13Page - TYEE Products Inc 751K Datasheet HTML 14Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Tape and Reel Fig.
05D、07D Type I Lead
FIG 1
05D、07D Straight Lead
FIG 2
10D Type I Lead
FIG 3
FIG 4
14D Type I Lead
FIG 5
14D Straight Lead
FIG
6
Taping product ordering Information
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
OUTSIDE
INSIDE
CRIMPED
OUTSIDE
INSIDE
CRIMPED
KINK
KINK
KINK
KINK
10D Straight Lead
10DXXXK-TRS
14DXXXK-TRS
Striaght Lead
Striaght Lead
Type I Lead
Type II
Lead
Type III
Lead
05DXXXK-TRS
05DXXXK-BTS
Type III
Lead
Tape & Reel
Flax Box
07DXXXK-TRS
Type I Lead Type II Lead
07DXXXK-BTS
10DXXXK-BTS
TYEE Products Inc.
http://www.tyeeusa.com/
Page:10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com