Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC151 Datasheet(PDF) 4 Page - Solid State Inc

No. de pieza 74HC151
Descripción Electrónicos  8-Channel Digital Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOLIDSTATE [Solid State Inc]
Página de inicio  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC151 Datasheet(HTML) 4 Page - Solid State Inc

  74HC151 Datasheet HTML 1Page - Solid State Inc 74HC151 Datasheet HTML 2Page - Solid State Inc 74HC151 Datasheet HTML 3Page - Solid State Inc 74HC151 Datasheet HTML 4Page - Solid State Inc 74HC151 Datasheet HTML 5Page - Solid State Inc 74HC151 Datasheet HTML 6Page - Solid State Inc 74HC151 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
26
35
ns
A, B or C to Y
tPHL, tPLH
Maximum Propagation Delay
27
35
ns
A, B or C to W
tPHL, tPLH
Maximum Propagation Delay
22
29
ns
Any D to Y
tPHL, tPLH
Maximum Propagation Delay
24
32
ns
any D to W
tPHL, tPLH
Maximum Propagation Delay
17
23
ns
Strobe to Y
tPHL, tPLH
Maximum Propagation Delay
16
21
ns
Strobe to W
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation Delay
2.0V
90
205
256
300
ns
A, B or C to Y
4.5V
31
41
51
60
ns
6.0V
26
35
44
51
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
95
205
256
300
ns
A, B or C to W
4.5V
32
41
51
60
ns
6.0V
27
35
44
51
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
70
195
244
283
ns
any D to Y
4.5V
27
39
49
57
ns
6.0V
23
33
41
48
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
75
185
231
268
ns
any D to W
4.5V
29
37
46
54
ns
6.0V
25
32
40
46
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
50
140
175
203
ns
Strobe to Y
4.5V
21
28
35
41
ns
6.0V
18
24
30
35
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
45
127
159
185
ns
Strobe to W
4.5V
20
25
32
37
ns
6.0V
17
22
28
32
ns
tTLH, tTHL
Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation
(per package)
110
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com