Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TC74HC259AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC74HC259AP
Descripción Electrónicos  8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC259AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC259AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC259AP_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC259AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(DATA-Q)
tpLH
tpHL
2.0
4.5
6.0
56
18
15
130
26
22
165
33
28
ns
Propagation delay
time
(A, B, C-Q)
tpLH
tpHL
2.0
4.5
6.0
83
25
21
185
37
31
230
46
39
ns
Propagation delay
time
(
G -Q)
tpLH
tpHL
2.0
4.5
6.0
67
20
17
165
33
28
205
41
35
ns
Propagation delay
time
( CLEAR -Q)
tpHL
2.0
4.5
6.0
52
16
14
135
27
23
170
34
29
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
35
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com