Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MMA-5 Datasheet(PDF) 2 Page - Astrodyne Corporation

No. de pieza MMA-5
Descripción Electrónicos  5W Medical Grade Ultraminiature Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MMA-5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MMA-5 Datasheet HTML 1Page - Astrodyne Corporation MMA-5 Datasheet HTML 2Page - Astrodyne Corporation MMA-5 Datasheet HTML 3Page - Astrodyne Corporation MMA-5 Datasheet HTML 4Page - Astrodyne Corporation MMA-5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5W Medical Grade Ultraminiature Switching Power Supplies
M M A - 5 series
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
4,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDMA-5006
+/-12 VDC
+/-0.21
5W
MDMA-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - Chassis Mount
MDMC-5006
+/-12 VDC
+/-0.21
5W
MDMC-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - DIN Rail Mount
MDMC-5006/DRL
+/-12 VDC
+/-0.21
5W
MDMC-5007/DRL
+/-15 VDC
+/-0.17
5W
TRIPLE OUTPUT - PCB Mount
MTMA-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMA-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - Chassis Mount
MTMC-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - DIN Rail Mount
MTMC-5009/DRL
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011/DRL
+5,+/-15 VDC
0.45,0.1/0.1
5W
PCB 2.28”L x 1.77”W x 0.83”H
Chassis 3.77”L x 2.16”W x 1.0”H
Fully Approved
UL/CSA22.2 2601 File# E167432
EN60601-1 File# B021022749042



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com