Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U595QII6Q Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STM32U595QII6Q
Descripción Electrónicos  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QII6Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32U595QII6Q Datasheet HTML 3Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 4Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 5Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 6Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 7Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 8Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 9Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 10Page - STMicroelectronics STM32U595QII6Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NetX duo
Industrial grade networking stack: optimized for performance coming with many IoT protocols.
FileX/levelX
Advanced flash memory file system (FS) / flash memory translation layer (FTL): fully featured to
support NAND/NOR flash memories
USBX
USB host and device stacks coming with many classes
USB PD device and Core libraries
New USB Type-C® power delivery service. Implementing a dedicated protocol for the management of
power in this evolution of the USB.org specification. Refer to http://www.usb.org/developers/
powerdelivery/ for more details.
PD3 specifications (support of source / sink / dual role)
Fast role swap
Dead battery
Use of configuration files to change the core and the library configuration without changing the library
code (read only)
RTOS and standalone operation
Link with the low-level driver through an abstraction layer using the configuration file. The goal is to
avoid any dependency between the library and the low-level drivers
Open bootloader
It provides an open source bootloader with exactly the same features as the STM32 system
bootloader and with the same tools used for the system bootloader.
Arm trusted firmware-M (TF-M)
Reference implementation of the Arm platform security architecture (PSA) for TrustZone®
Secure services are:
Secure storage service
Attestation
Crypto service
TF-M audit log
Platform service
Note:
An example of the TF-M application is available in the STM32CubeU5 firmware package under
\Projects\B-U585I-IOT02A\Applications\TFM.
MCU boot
Mbed™ crypto
Open source cryptography library that supports a wide range of cryptographic operations, including:
Key management
Hashing
Symmetric cryptography
Asymmetric cryptography
Message authentication (MAC)
Key generation and derivation
Authenticated encryption with associated data (AEAD).
Network Library
It provides network services on STM32 devices.
It provides a socket API (BSD like style) with support of secure or nonsecure connection. It provides
also an API to control the lifecycle of the network adapters.
Three classes of network adapters are supported WIFI, Ethernet, and cellular. Different WIFI modules
are supported from third party vendors.
The STM32 touch sensing library:
Robust STMTouch capacitive touch sensing solution supporting proximity, touchkey, linear and rotary
touch sensors. It is based on a proven surface charge transfer acquisition principle.
UM2883
STM32CubeU5 architecture overview
UM2883 - Rev 4
page 7/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com