Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U375CE Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza STM32U375CE
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 64Page - STMicroelectronics STM32U375CE Datasheet HTML 65Page - STMicroelectronics STM32U375CE Datasheet HTML 66Page - STMicroelectronics STM32U375CE Datasheet HTML 67Page - STMicroelectronics STM32U375CE Datasheet HTML 68Page - STMicroelectronics STM32U375CE Datasheet HTML 69Page - STMicroelectronics STM32U375CE Datasheet HTML 70Page - STMicroelectronics STM32U375CE Datasheet HTML 71Page - STMicroelectronics STM32U375CE Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 222 page
background image
Pin Number
Alternate functions
Additional
functions
13
M8
17
H2
N7
N9
25
K2
9
13
17
G3
26
L3
PA3
I/O
TT_ha
-
TIM2_CH4, SAI1_CK1,
LPUART1_RX, OCTOSPI1_CLK,
SAI1_MCLK_A, TIM15_CH2,
EVENTOUT
OPAMP1_VOUT,
COMP1_INP4,
ADC1_IN6,
WKUP5
-
L7
18
-
P8
P8
26
K3
-
-
18
C2
27
E3
VSS
S
-
-
-
-
-
N7
19
H1
R9
R9
27
C3
-
-
19
E6
28
G11
VDD
S
-
-
-
-
14
K6
20
F4
P6
N7
28
L1
10
14
20
H3
29
M3
PA4
I/O
TT_ha
-
OCTOSPI1_NCS, SPI1_NSS(boot(4)),
SPI3_NSS, SAI1_FS_B,
LPTIM2_CH1, EVENTOUT
ADC1_IN7,
ADC2_IN3,
DAC1_OUT1,
WKUP2
15
J5
21
G3
M6
K6
29
L2
11
15
21
F4
30
K4
PA5
I/O
TT_a
-
PWR_CSLEEP, TIM2_CH1,
TIM2_ETR, SPI1_SCK(boot(4)),
USART3_RX, LPTIM2_ETR,
EVENTOUT
ADC1_IN8,
ADC2_IN4,
DAC1_OUT2,
WKUP6
16
M6
22
F5
J5
R7
30
M1
12
16
22
G4
31
L4
PA6
I/O
FT_fha
-
TIM1_BKIN, TIM3_CH1, I3C2_SDA,
I2C2_SDA, SPI1_MISO(boot(4)),
I3C1_SDA, USART3_CTS/
USART3_NSS, LPUART1_CTS,
OCTOSPI1_IO3, TIM16_CH1,
EVENTOUT
OPAMP2_VINP,
ADC1_IN9,
ADC2_IN5,
WKUP7
17
J3
23
H3
R7
M6
31
M2
13
17
23
H4
32
M4
PA7
I/O
FT_fha
-
PWR_CSTOP, TIM1_CH1N,
TIM3_CH2, I2C3_SCL,
SPI1_MOSI(boot(4)), I3C1_SCL,
USART3_TX, OCTOSPI1_IO2,
LPTIM2_CH2, TIM17_CH1,
EVENTOUT
OPAMP2_VINM,
ADC1_IN10,
ADC2_IN6,
WKUP8
-
-
-
-
-
-
-
-
-
-
24
H5
33
K5
PC4
I/O
FT_ha
-
USART3_TX, OCTOSPI1_IO7,
EVENTOUT
COMP1_INM2,
ADC1_IN11,
ADC2_IN7
-
-
-
-
-
-
-
-
-
-
25
H6
34
L5
PC5
I/O
FT_at
-
TIM1_CH4N, SAI1_D3, USART3_RX,
EVENTOUT
COMP1_INP1,
ADC1_IN12,
ADC2_IN8,
WKUP5,
TAMP_IN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More