Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U375CEU6GXXX Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STM32U375CEU6GXXX
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX Datasheet(HTML) 4 Page - STMicroelectronics

  STM32U375CEU6GXXX Datasheet HTML 1Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 2Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 3Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 4Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 5Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 6Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 7Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 8Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 222 page
background image
1
Introduction
This document provides information on STM32U375xx devices, such as description, functional overview, pin
assignment and definition, electrical characteristics, packaging and ordering information.
For information on the device errata with respect to the datasheet and reference manual, refer to the
STM32U375xx errata sheet (ES0626).
For information on the Arm® Cortex®-M33 core, refer to the Arm® Cortex®-M33 Processor Technical Reference
Manual, available from the www.arm.com website.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
STM32U375xx
Introduction
DS14861 - Rev 2
page 4/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More