Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DTC124XM-HF Datasheet(PDF) 2 Page - Comchip Technology

No. de pieza DTC124XM-HF
Descripción Electrónicos  Digital Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DTC124XM-HF Datasheet(HTML) 2 Page - Comchip Technology

  DTC124XM-HF Datasheet HTML 1Page - Comchip Technology DTC124XM-HF Datasheet HTML 2Page - Comchip Technology DTC124XM-HF Datasheet HTML 3Page - Comchip Technology DTC124XM-HF Datasheet HTML 4Page - Comchip Technology DTC124XM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Transistor
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Units
Min
VI(off)
Input voltage
V
0.3
Test conditions
Typ
Max
VCC = 5V, IO = 100µA
VI(on)
Input voltage
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 2mA
V
Output voltage
Input current
Output current
VO(on)
II
VI = 5V
VCC = 50V, VI = 0V
IO(off)
mA
µA
0.1
0.3
0.5
IO / II = 5mA / 0.25mA
7.2
0.88
3.8
1.8
GI
Input resistor
kΩ
DC current gain
VO = 5V, IO = 10mA
R1(R2
)
33
68
33
30
1(10)
10(47)
2.2(10)
4.7(10)
Resistance ratio tolerance
Gain-bandwidth product
fT
MHz
VCE = 10V, IE = 5mA, f = 100MHz
-30
+30
250
△R2/R1
0.7
7
1.54
3.29
1.3
13
2.86
6.11
0.8
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Comchip Technology CO., LTD.
Page 2
0.3
0.5
0.3
0.3
0.5
3.0
3.0
1.4
1.1
3.0
2.5
2.5
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 1mA
All others
IO / II = 10mA / 0.5mA
0.88
3.6
1.8
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
24
80
80
7
1.54
3.29
10(4.7)
2.2(47)
4.7(47)
13
2.86
6.11
-20
+20
0.4
VO = 0.3V, IO = 2mA
0.36
VO = 5V, IO = 10mA
68
15.4
28.6
22(47)
△R1
Input resistor (R1) tolerance
%
1.3
REV:A
QW-JTR201
DTC113ZM-HF
DTC114WM-HF
DTC114YM-HF
DTC123JM-HF
DTC123YM-HF
DTC143XM-HF
DTC143ZM-HF
DTC124XM-HF
DTC113ZM-HF
DTC114WM-HF
DTC114YM-HF
DTC123JM-HF
DTC123YM-HF
DTC143XM-HF
DTC143ZM-HF
DTC124XM-HF
DTC123JM-HF
DTC143ZM-HF
DTC114YM-HF
DTC113ZM-HF
DTC114WM-HF
DTC114YM-HF
DTC123JM-HF
DTC123YM-HF
DTC143XM-HF
DTC143ZM-HF
DTC124XM-HF
DTC113ZM-HF
DTC114WM-HF
DTC114YM-HF
DTC123JM-HF
DTC123YM-HF
DTC143XM-HF
DTC143ZM-HF
DTC124XM-HF



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com