Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AV24LB402 Datasheet(PDF) 2 Page - APEM

No. de pieza AV24LB402
Descripción Electrónicos  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

AV24LB402 Datasheet(HTML) 2 Page - APEM

  AV24LB402 Datasheet HTML 1Page - APEM AV24LB402 Datasheet HTML 2Page - APEM AV24LB402 Datasheet HTML 3Page - APEM AV24LB402 Datasheet HTML 4Page - APEM AV24LB402 Datasheet HTML 5Page - APEM AV24LB402 Datasheet HTML 6Page - APEM AV24LB402 Datasheet HTML 7Page - APEM AV24LB402 Datasheet HTML 8Page - APEM AV24LB402 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
APEM
www.apem.com
B-89
AV series
Anti-vandal and security pushbutton switches
Distinctive features
B
The AV series is a large range of security pushbutton switches including 4 product
families :
ANTI-VANDAL PUSHBUTTON SWITCHES (page B-90)
• Increased impact resistance provided
by a nut (Ø 19 mm) or mechanical stop
(Ø 22 mm)
• Stainless steel actuator and bushing
• Bushing dia. 19 (.748) or 22 mm (.866)
SECURITY PUSHBUTTON SWITCHES WITH LARGE ACTUATOR (page B-93)
• Ergonomic actuator
dia. 20 (.787)
or 30 mm (1.181)
• Tactile feedback
• Up to 5A 250VAC
• Bushing dia. 22 mm (.866)
or 24 mm (.944)
OTHER SECURITY PUSHBUTTON SWITCHES (page B-96 )
• A large variety of
actuator shapes,
electrical functions,
connections, finish
and marking options
• Bushing dia. 16 (.629),
19 (.748) or 22 mm (.866)
SNAP-ACTION SECURITY PUSHBUTTON SWITCHES (page B-104)
• Tactile feedback
• Illuminated or non-illuminated
• Bushing dia. 19 mm (.748)
• Models with overmolded actuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com