Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AV24LC402 Datasheet(PDF) 5 Page - APEM

No. de pieza AV24LC402
Descripción Electrónicos  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

AV24LC402 Datasheet(HTML) 5 Page - APEM

  AV24LC402 Datasheet HTML 1Page - APEM AV24LC402 Datasheet HTML 2Page - APEM AV24LC402 Datasheet HTML 3Page - APEM AV24LC402 Datasheet HTML 4Page - APEM AV24LC402 Datasheet HTML 5Page - APEM AV24LC402 Datasheet HTML 6Page - APEM AV24LC402 Datasheet HTML 7Page - APEM AV24LC402 Datasheet HTML 8Page - APEM AV24LC402 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
B-92
APEM
www.apem.com
AV series
Anti-vandal pushbutton switches
Bushing Ø 22 (.866) - momentary (NO)
B
Long case - flat actuator - UL-CSA approved - AV03000...40N
Short case - flat actuator - AV03100...40N
Hex nut 25 (.984) across flats
ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
6.30
(.248)
(.500)
12.70
3.00
(.118)
(.078)
2.00
EPOXY
(.110)
2.80
(.287)
7.30
Screw terminals
AV031003C940N
Solder lug /
quick-connect term.
AV031003C240N
Screw terminals
AV030003A940N
Hex nut 25 (.984) across flats
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
5.00
(.196)
10.00
(.248)
(.590)
15.00
3.00
(.118)
(.078)
2.00
Curved actuator
Screw terminals
AV02•003C940N
Solder lug / quick-connect term.
AV02•003C240N
Flatted bushing
Flat actuator
Screw terminals
AVM3•003C940N
Curved actuator
Screw terminals
AVM2•003C940N
OTHER CONFIGURATIONS
Ø15.00
(.590DIA)
Ø25.00
(.984DIA)
(.984DIA)
Ø25.00
(.590DIA)
Ø15.00
(.393
10.00
Ø22.20
(.874DIA)
)
NO
(function 3)
ORDER FORMAT
Series
Bush./act.
config.
Case
style
Function
Contact
material
Terminal
type
Bush./act.
material
Sealing
AV
03
02
M3
M2
100
000
3
C
9
2
C
A
40
N
T
BASIC MODEL
To order a sealed product, replace N
with T at the end of P/N.
Case style
: replace • with 1 for short case and 0 for long case.
New!
Screw terminals for wires 1,5 mm2 max.
Screw terminals for wires 1,5 mm2 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com