Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RA3CSH9 Datasheet(PDF) 1 Page - APEM Components, Inc.

No. de pieza RA3CSH9
Descripción Electrónicos  PANEL BUSH, 2.5-4.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTIMEC [APEM Components, Inc.]
Página de inicio  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

RA3CSH9 Datasheet(HTML) 1 Page - APEM Components, Inc.

  RA3CSH9 Datasheet HTML 1Page - APEM Components, Inc. RA3CSH9 Datasheet HTML 2Page - APEM Components, Inc. RA3CSH9 Datasheet HTML 3Page - APEM Components, Inc. RA3CSH9 Datasheet HTML 4Page - APEM Components, Inc. RA3CSH9 Datasheet HTML 5Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering example: AQB0109+AQC09-27.2+AQN-2.5+3FTL6
Specifications switches:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp: -40/+115
°C
high temp: -40/+160
°C
aquamec
A
P
CAP
H
BUSHING
10.0
1.0
AQCXX-24.2
24.2
AQN-0.5
10.0
2.0
AQCXX-25.2
25.2
AQN-0.5
10.0
3.0
AQCXX-26.2
26.2
AQN-2.5
10.0
4.0
AQCXX-27.2
27.2
AQN-2.5
Cap is available in black (09) or transparent (11).
Dimension H is the overall height of the switch+cap.
Bushing AQN-0.5 accepts panel thickness (P) 0.5-2.5 mm.
Bushing AQN-2.5 accepts panel thickness (P) 2.5-4.0 mm.
Panel cut out ø 12.0 0.2
Specifications Sealing Boot:
- Operating temperature: -40
°/+85°
- sealing: IP67
- sealing life time: 2.000.000 operations
- material: silicone
3F+AQ
HOW TO ORDER
Switch
Bushing
Mounting
T through-hole
S surface mount
L6 low temp.
H9 high temp.
3F
+
+
+
LED
00
blue
20
green
40
yellow
80
red
2040
green/yellow
8020
red/green
8040
red/yellow
+
AQB01
AQN
Switch Mounting
T through-hole
L6 low temp.
H9 high temp.
3F
Panel:
0.5 0.5-2.5 mm
2.5 2.5-4.0 mm
Cap:
transparent 1 1
Overall
height
24.2
25.2
26.2
27.2
Sealing Boot,
incl. sealing ring
Black
0 9
Transparent 1 1
AQC
AQC
Bushing
AQB01
AQN
Panel:
0.5 0.5-2.5 mm
2.5 2.5-4.0 mm
Overall
height
24.2
25.2
26.2
27.2
Sealing Boot,
incl. sealing ring
Transparent 1 1
Cap:
transparent 1 1
H= A+P+13.2
This leaves nominel 0.3 mm clearance between the top of the cap and the inner
side of the sealing boot to accomplish assembly tolerances. A can be chosen
between 10 -13 mm, we recommend 10 mm to reduce building height and optimize
cap guidance.
-
-
-
-
+
-
.
.
+
mec· Industriparken 23 · P.o. Box 26 · DK-2750 Ballerup · Denmark
Tel.: +45 44 97 33 66 · Fax: +45 44 68 15 14 · E-mail: danmec@mec.dk · www.mec.dk
.
.


Número de pieza similar - RA3CSH9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
APEM Components, Inc.
RA3CSH9 MULTIMEC-RA3CSH9 Datasheet
148Kb / 7P
basic switch modules
RA3CSH9 MULTIMEC-RA3CSH9 Datasheet
191Kb / 8P
basic switch modules
RA3CSH9R MULTIMEC-RA3CSH9R Datasheet
148Kb / 7P
basic switch modules
RA3CSH9R MULTIMEC-RA3CSH9R Datasheet
191Kb / 8P
basic switch modules
More results

Descripción similar - RA3CSH9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PA025XS1 ETC2-PA025XS1 Datasheet
655Kb / 28P
2.5 color TFT-LCD panel
31-35-25GFN ETC2-31-35-25GFN Datasheet
92Kb / 1P
Bush
logo
Qorvo, Inc
QPM2100 QORVO-QPM2100 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
logo
HARTING Technology Grou...
09-14-000-9909 HARTING-09-14-000-9909 Datasheet
461Kb / 2P
Han-Modular Guiding Bush
2021-10-01
09-14-000-9982 HARTING-09-14-000-9982 Datasheet
471Kb / 2P
Han Modular guide bush
2021-10-01
logo
Wurth Elektronik GmbH &...
7466003 WURTH-7466003 Datasheet
427Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466004 WURTH-7466004 Datasheet
426Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466203 WURTH-7466203 Datasheet
423Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466204 WURTH-7466204 Datasheet
429Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
logo
FIBOX Enclosing innovat...
7028088 FIBOX-7028088 Datasheet
43Kb / 1P
Sealing bush
11.08.2023
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com