Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP24M23F Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

No. de pieza MP24M23F
Descripción Electrónicos  ECOMATE AQUARIUS,RECEPTACLE, SIZE 18,103 POS,SOCKET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASS [Amphenol Sine Systems Corp.]
Página de inicio  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

MP24M23F Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  MP24M23F Datasheet HTML 1Page - Amphenol Sine Systems Corp. MP24M23F Datasheet HTML 2Page - Amphenol Sine Systems Corp. MP24M23F Datasheet HTML 3Page - Amphenol Sine Systems Corp. MP24M23F Datasheet HTML 4Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
RELEASED DRAWING
Feb-02-2021
Ronald
A1
SEE PART NUMBER CHART
PR O C ES S S PE C IF IC A TIO NS :
M ATE R IA L S P E CIFICA TIO N S:
QUANTITY
AP P RO V AL :
EN G INE E R :
CH EC K E D:
DR AW N:
SC A LE :
PART NUMBER
DW G N O :
TYP E
SH E ET
O F
DESCRIPTION
Sine Systems - www.amphenol-sine.com
44724 Morley Drive
THIS DR A W IN G IS S UP P L IE D F O R
IN FO R M A TIO N O NL Y . D E SIG N FE A TU RE S ,
SP E C IF IC A TIO N S A N D P E RF O R M A NC E D A TA
SH O W N H E RE O N A RE TH E P R O P E R TY O F
THE A M P HE N O L C O R P O R A TIO N. NO RIG H TS
O F RE P R O D UC TIO N A R E IM P L IE D . A LL
DIM E NS IO N S AR E S UB J E CT TO N O R M A L
M AN U FA CTU R IN G V A RIA TIO N S .
CU STO M E R:
NE X T A S S 'Y :
Clinton Township, MI 48036
X
ECOMATE AQUARIUS,RECEPTACLE,
SIZE 18,10+3 POS,SOCKET
B
A1
1
1
NONE
Tommy
NOTES
:(UNLESS OTHERWISE SPECIFIED)
1. MATERIAL
SHELL
:THERMOPLASTIC,UL94 V-0.
INSERT
:THERMOPLASTIC,UL94 V-0.
SEAL GASKET
:NBR/SILICONE RUBBER.
2. SPECIFICATIONS
2.1 RATED CURRENT
2.1.1 16# CONTACT 13A (MAX).
2.1.2 RF CONTACT 1A (MAX) .
2.2 RATED VOLTAGE
:500V(AC/DC).
2.3 OPERATING TEMPERATURE
:SEE TABLE.
2.4 DIELECTRIC WITHSTANDING VOLTAGE
:LESS THAN
2 MILLIAMPS CURRENT LEAKAGE@2000 VOLTS AC.
2.5 INSULATION RESISTANCE
:5000 MEGOHMS MIN.
2.6 IP--CLASS
:IP67 AND IP69K IN THE MATED CONDITION,
PANEL EXTERNAL.
2.7 MATING CYCLES DURABILITY
:500 CYCLES MIN.
2.8 RoHS COMPLIANT.
3. SUITABLE CONTACTS
:16# & RF CONTACTS.
4. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
N
KEY
-40°C ~ +105°C
PART NUMBER
-40°C ~ +125°C
RTS018N103S
RTS018N103S03
27.0
27.0
4-Ø3.2
+0.2
0
Ø27.3
+0.2
0
(For Front Panel Mounting)
Ø31.4
+0.2
0
(For Rear Panel Mounting)
PANEL CUT OUT REFERENCE
1" 1/16-18 UNEF THREAD
25.4 REF
∅28.6
11.3
2.2
33.2 27.0
27.0
33.2
MASTER KEYWAY
4X Ø3.1


Número de pieza similar - MP24M23F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Sine Systems C...
MP24M23F ASS-MP24M23F Datasheet
1Mb / 4P
ECOMATE AQUARIUS,RECPTACLE, BACK SHELL,SIZE 18,103 POS,SOCKET
A1 Feb-02-20201
MP24M23F ASS-MP24M23F Datasheet
1Mb / 4P
RTS6BS18N103P-TW
A1
MP24M23F ASS-MP24M23F Datasheet
1Mb / 4P
ECOMATE AQUARIUS,RECEPTACLE, JAM NUT,SIZE 18,103 POS,PIN.
REV A1 Feb-02-2021
MP24M23F ASS-MP24M23F Datasheet
1Mb / 4P
ECOMATE AQUARIUS,RECEPTACLE, JAM NUT,SIZE 18,103 POS,SOCKET
REV A1 Feb-02-2021
More results

Descripción similar - MP24M23F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
GAQW3V330 BEL-GAQW3V330 Datasheet
487Kb / 8P
AQUARIUS DC/DC CONVERTERS
logo
Amphenol Corporation
AHD10-6-12P-L AMPHENOL-AHD10-6-12P-L Datasheet
65Kb / 1P
RECEPTACLE, 6N POS, FLANGE
MB1LLN0600 AMPHENOL-MB1LLN0600 Datasheet
73Kb / 1P
Straight Receptacle, 6 Pos
MC1LKN0600 AMPHENOL-MC1LKN0600 Datasheet
63Kb / 1P
Straight Receptacle, 6 Pos
MC1LKN0800 AMPHENOL-MC1LKN0800 Datasheet
65Kb / 1P
Straight Receptacle, 8 Pos
logo
Tyco Electronics
164535 MACOM-164535 Datasheet
80Kb / 1P
50 POS HDP-20 RECEPTACLE CONNECTOR SIZE 5
logo
PHOENIX CONTACT
2702309 PHOENIX-2702309 Datasheet
56Kb / 3P
Socket for power supply and series connection, black, 3-pos.
logo
Amphenol Sine Systems C...
ATHD06-1-12S-OM ASS-ATHD06-1-12S-OM Datasheet
334Kb / 2P
1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 12, BLACK
Rev. A2
ATHD06-1-8S-OM ASS-ATHD06-1-8S-OM Datasheet
303Kb / 2P
1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 8, BLACK
Rev. A2
logo
Molex Electronics Ltd.
834219039 MOLEX-834219039 Datasheet
71Kb / 1P
CABLE ASSEMBLY CMD 9 POS SOCKET TO 9 POS D-SUB SOCKET
2012/03/03
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com