| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L79L06ACZ Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L06ACZ Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 22 page ![]() L79LxxAB - L79LxxAC - L79LxxC Package mechanical data 19/22 Dim. mm. inch. Min. Typ. Max. Min. Typ. Max. A1 4.80 0.189 T 3.80 0.150 T1 1.60 0.063 T2 2.30 0.091 d0.48 0.019 P0 12.5 12.9 0.492 0.508 P2 5.65 7.05 0.222 0.278 F1, F2 2.44 2.54 2.94 0.096 0.100 0.116 delta H ±2 0.079 W 17.5 18.00 19.0 0.689 0.709 0.748 W0 5.7 6.3 0.224 0.248 W1 8.5 9.25 0.3350.364 W2 0.50 0.20 H18.50 18.70 0.728 0.726 H0 15.50 16.50 0.610 0.650 H1 25.00 0.984 D0 3.8 4.2 0.150 0.165 t0.900.035 L1 3 0.118 delta P±1 0.039 u 50 1.968 Φ1 360 14.173 Φ2 301.181 Tape & reel for TO-92 mechanical data W W1 W0 W2 A1 d D0 H1 H H0 L l1 F1 F2 P2 P0 delta P delta H T2 T1 T t DRAWING NOT IN SCALE |