| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L79L06ABZ Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L06ABZ Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 22 page ![]() L79LxxAB - L79LxxAC - L79LxxC Electrical characteristics 11/22 Table 13. Electrical characteristics of L79L09AB and L79L09AC (refer to the test circuits, VI = - 15 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC, TJ = -40 to 125 °C for L79L05AB, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -8.64-9-9.36 V VO Output voltage IO = 1 to 40 mA, VI = -11.5 to -23 V -8.55 -9.45 V IO = 1 to 70 mA, VI = -15 V -8.55 -9.45 ΔVO Line regulation VI = -11.5 to -23 V, TJ = 25°C 225 mV VI = -12 to -23 V, TJ = 25°C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 80 mV IO = 1 to 40 mA, TJ = 25°C 40 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = -12 to -23 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 70 µV SVR Supply voltage rejection VI = -12 to -23V, f = 120Hz IO = 40 mA, TJ = 25°C 37 44 dB Vd Dropout voltage 1.7 V Table 14. Electrical characteristics of L79L12AB and L79L12AC (refer to the test circuits, VI = - 19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC, TJ = -40 to 125 °C for L79L05AB, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -11.5 -12 -12.5 V VO Output voltage IO = 1 to 40 mA, VI = -14.5 to -27 V -11.4 -12.6 V IO = 1 to 70 mA, VI = -19 V -11.4 -12.6 ΔVO Line regulation VI = -14.5 to -27 V, TJ = 25°C 250 mV VI = -16 to -27 V, TJ = 25°C 200 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 100 mV IO = 1 to 40 mA, TJ = 25°C 50 Id Quiescent current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = -16 to -27 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 80 µV SVR Supply voltage rejection VI = -15 to -25V, f = 120Hz IO = 40 mA, TJ = 25°C 37 42 dB Vd Dropout voltage 1.7 V |