Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L79L08ACZ Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza L79L08ACZ
Descripción Electrónicos  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L08ACZ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L79L08ACZ Datasheet HTML 11Page - STMicroelectronics L79L08ACZ Datasheet HTML 12Page - STMicroelectronics L79L08ACZ Datasheet HTML 13Page - STMicroelectronics L79L08ACZ Datasheet HTML 14Page - STMicroelectronics L79L08ACZ Datasheet HTML 15Page - STMicroelectronics L79L08ACZ Datasheet HTML 16Page - STMicroelectronics L79L08ACZ Datasheet HTML 17Page - STMicroelectronics L79L08ACZ Datasheet HTML 18Page - STMicroelectronics L79L08ACZ Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Package mechanical data
15/22
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.4
1.6
55.1
63.0
B
0.44
0.56
17.3
22.0
B1
0.36
0.48
14.2
18.9
C0.35
0.44
13.8
17.3
C1
0.35
0.44
13.8
17.3
D
4.4
4.6
173.2
181.1
D1
1.62
1.83
63.8
72.0
E2.29
2.6
90.2
102.4
e
1.42
1.57
55.9
61.8
e1
2.92
3.07
115.0
120.9
H
3.94
4.25
155.1
167.3
L0.89
1.2
35.0
47.2
SOT-89 mechanical data
P025H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22