Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L79L06ACUTR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L79L06ACUTR
Descripción Electrónicos  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L06ACUTR Datasheet(HTML) 5 Page - STMicroelectronics

  L79L06ACUTR Datasheet HTML 1Page - STMicroelectronics L79L06ACUTR Datasheet HTML 2Page - STMicroelectronics L79L06ACUTR Datasheet HTML 3Page - STMicroelectronics L79L06ACUTR Datasheet HTML 4Page - STMicroelectronics L79L06ACUTR Datasheet HTML 5Page - STMicroelectronics L79L06ACUTR Datasheet HTML 6Page - STMicroelectronics L79L06ACUTR Datasheet HTML 7Page - STMicroelectronics L79L06ACUTR Datasheet HTML 8Page - STMicroelectronics L79L06ACUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Maximum ratings
5/22
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
VO = -5 to -9 V
-30
V
VO = -12 to -15 V
-35
IO
Output current
100
mA
PD
Power dissipation
Internally Limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
For L79L00C, L79L00AC
0 to 125
°C
For L79L00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case. (Max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient. (Max)
55 (1)
200
°C/W
1.
Considering 6 cm2 of copper Board heat-sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com