| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECWFD2J563JB Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWFD2J563JB Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 19 page ![]() ECWFD series *: In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. ■ Packing quantity : 100 pcs./bag ■ Taping style Unit :mm *:max. * Please check the product drawing for the shape of the lead wire forming. The above diagram shows the taping dimensions, and the lead wire forming shape is an example. * H1 dimension is based on insertion machine “Panasert RH series” made by Panasonic. Consult with Panasonic technical staff when using other insertion machines. ■ Packaging specifications ● Lead spacing Unit :mm See the column “Rating ·Dimensions · Quantity” for packaging quantity Specifications 450 630 AB 5.0 E 7.5 F 7.5 0.10 to 0.39 0.47, 0.68, 1.0 0.10 to 0.39 0.47, 0.68, 1.0 0.47 to 2.2 1 Category temp. range (Including temperature-rise on unit surface) Rated voltage [DC] 450 V Peak to peak voltage applied on the capacitor should be less than 240 Vp-p, and zero to peak voltage should be less than 450 Vo-p. (Derating of rated voltage by 0.62 %/°C at more than 85 °C) 630 V −40 ℃ to +110 ℃ Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. 06-Aug-24 12.7 30.0 15.0 12.7 15.0 15.0 16.0 34.0 44.0 44.0 P4/Q4 3 P3/Q3 4 P4/Q4 4 4 4 H1* 5.0 7.5 630 V 450 V R. voltage (V) [DC] Style 630 V 0.01 μF to 4.7 μF (20 °C, 100 V, 60 s) Capacitance range 450 V 0.1 μF to 4.7 μF Capacitance tolerance ±5% (J), ±10 % (K) −40 ℃ to +105 ℃ C ≦ 0.33 μF:IR ≧ 9,000 MΩ (20 °C, 500 V , 60 s) C > 0.33 μF:IR ≧ 3,000 MΩ・μF Insulation resistance (IR) P P0 F H0 450 V C ≦ 0.33 μF:IR ≧ 30,000 MΩ ECWFD Style Lead spacing Capacitance range (μF ) Series 0.047 to 0.22 0.27 to 0.82 〇 〇 〇 Odd size taping E C > 0.33 μF:IR ≧ 10,000 MΩ・μF 630 V E F AB Dissipation factor (tan δ) tan δ ≦ 0.1 % (20 °C, 1 kHz) Withstand voltage Between terminals : Rated voltage (V)×150 % 60 s Dimensions Packaging specifications for bulk package Taping specifications for automatic insertion Peak to peak voltage applied on the capacitor should be less than 400 Vp-p, and zero to peak voltage should be less than 630 Vo-p. (Derating of rated voltage by 1.0%/°C at more than 85 °C) 〇 7.5 16.0 16.0 F 〇 〇 Taping style suffix Packing Odd size taping Crimped taping AB 〇 〇 Crimped lead (Suffix Q) L max. T max. L max. L max. F ±1.0 S ±0.8 S ±0.8 Marking Marking Marking Marking Straight Crimped lead (Suffix B) Cut lead(Suffix C) Type B Type D ød ±0.05 Copper-clad steel-wire Style AB Style E Style F P P0 F P P0 F P0 F P |