| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA2416 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2416 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 38 page ![]() Block diagram and pins description STA2416 12/38 JTAG interface ENTRUST F18 JTAG pin I PD V1 CMOS, 3.3V TTL compatible TKO D18 JTAG pin I (1) V1 CMOS, 3.3V TTL compatible Schmidt trigger TAMS E16 JTAG pin I PU V1 CMOS, 3.3V TTL compatible TI F16 JTAG pin I PU DO E18 JTAG pin (should be left open) O/t V1 CMOS, 3.3V TTL compatible, 2mA slew rate control PCM interface PECAN A11 PCM data I/O PD V1 CMOS, 3.3V TTL compatible, 2mA trim-state slew rate control BITMAP C10 PCM data I/O PD PCM_SYNC A12 PCM 8kHz sync I/O PD PCM_CLK C11 PCM clock I/O PD V1 CMOS, 3.3V TTL compatible, 2mA tri-state slew rate control schmidt trigger Radio interface BRCLK L18 Transmit clock I (1) V1 CMOS, 3.3V TTL compatible schmidt trigger BRXD M18 Receive data I BMISO M16 RF serial interface input data I (1) V1 CMOS, 3.3V TTL compatible BNDEN N16 RF serial interface control O V1 CMOS, 3.3V TTL compatible, 2mA slew rate control BMOSI L16 RF serial interface output data O BDCLK K16 RF serial interface clock O BTXD K18 Transmit data O BSEN N18 Synthesizer ON O V1 CMOS, 3.3V TTL compatible, 2mA slew rate control BPAEN J16 Open PLL O BRXEN H18 Receive ON O BTXEN G18 Transmit ON O BPKTCTL J18 Packet ON O ANT_SW H16 Antenna switch O V1 CMOS, 3.3V TTL compatible, 8mA slew rate control Table 1. Pin list (continued) Name Pin # Description DIR PU/PD VDD PAD |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |