Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650-2 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza LTM4650-2
Descripción Electrónicos  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4650-2 Datasheet HTML 6Page - Analog Devices LTM4650-2 Datasheet HTML 7Page - Analog Devices LTM4650-2 Datasheet HTML 8Page - Analog Devices LTM4650-2 Datasheet HTML 9Page - Analog Devices LTM4650-2 Datasheet HTML 10Page - Analog Devices LTM4650-2 Datasheet HTML 11Page - Analog Devices LTM4650-2 Datasheet HTML 12Page - Analog Devices LTM4650-2 Datasheet HTML 13Page - Analog Devices LTM4650-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTM4650-2
10
Rev. A
For more information www.analog.com
The typical LTM4650-2 application circuit is shown in
Figure  24. External component selection is primarily
determined by the maximum load current and output volt-
age. See Table 4 for specific external capacitor require-
ments for particular applications.
OUTPUT TOTAL DC ACCURACY AND AC TRANSIENT
PERFORMANCE
In modern ASIC and FPGA power supply designs, a tight
total voltage regulation window, ±3% for example, is
required of the supply powering the core and periphery. To
meet this requirement, the supply’s DC voltage variance
plus any AC voltage variation that may occur during any
load step transient must fall within this allowed window.
The DC voltage variance is determined by the accuracies
of the supply’s reference voltage, resistor divider, load
regulation and line regulation over the operating tempera-
ture range. The AC voltage variance is determined by the
supply’s output voltage overshoot and undershoots in
response to a load transient condition for a given output
capacitor network.
Figure 2 shows a typical load step transient response
waveform and DC voltage accuracy variance. For a given
allowable voltage regulation window, a tighter DC volt-
age accuracy allows more margin for the AC variation
due to a load transient response. This increased margin
for AC variation allows for a reduction in the total out-
put capacitance required to meet the regulation window
requirement. This allows for a reduced total solution cost
and footprint area.
APPLICATIONS INFORMATION
For example, in an FPGA core voltage application, for a 12V
input, 0.9V output at 72A design, a total overall ±3% total
voltage regulation window is required in responding to a
25% load step transient. Figure 3 illustrates the benefit of
overall output capacitor reduction versus improved total
DC accuracy by using 100µF ceramic output capacitors.
Figure 2. Typical Load Step Transient Response with DC Voltage
Accuracy Variance
ALLOWABLE
REGULATION
WINDOW
DC ACCURACY
LOAD STEP
AC OVERSHOOT
AC UNDERSHOOT
46502 F02
TOTAL DC ACCURACY (%)
5000
4000
3000
2000
1000
4500
3500
2500
1500
500
0
0.8
1.5
46502 F03
2.0
1.2
2200
3200
2600
4700
Figure 3. Overall Output Capacitor vs Total DC Accuracy
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4650-2 is capable of a 98% duty
cycle, but the VIN to VOUT minimum dropout is still shown
as a function of its load current and will limit output cur-
rent capability related to the high duty cycle on the top
side switch. Minimum on-time tON(MIN) is another consid-
eration in operating at a specified duty cycle while operat-
ing at a certain frequency because tON(MIN) < D/fSW, where
D is the duty cycle and fSW is the switching frequency.
tON(MIN) is specified in the Electrical parameters as 90ns.
Output Voltage Programming
The PWM controller has an internal 0.6V reference volt-
age. As shown in the Simplified Block Diagram, a 60.4k
internal feedback resistor connects between the VOUTS1 to
VFB1 and VOUTS2 to VFB2. These pins must be connected
to their respective outputs for proper feedback regulation.
Overvoltage can occur if these VOUTS1 and VOUTS2 pins are
left floating when used as individual regulators, or at least
one of them is used in paralleled regulators. The output
voltage will default to 0.6V with no feedback resistor on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com