Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FG256 Datasheet(PDF) 9 Page - Advanced Micro Devices

No. de pieza FG256
Descripción Electrónicos  XC95288XL High Performance CPLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

FG256 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button FG256 Datasheet HTML 5Page - Advanced Micro Devices FG256 Datasheet HTML 6Page - Advanced Micro Devices FG256 Datasheet HTML 7Page - Advanced Micro Devices FG256 Datasheet HTML 8Page - Advanced Micro Devices FG256 Datasheet HTML 9Page - Advanced Micro Devices FG256 Datasheet HTML 10Page - Advanced Micro Devices FG256 Datasheet HTML 11Page - Advanced Micro Devices FG256 Datasheet HTML 12Page - Advanced Micro Devices FG256 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
XC95288XL High Performance CPLD
DS055 (v2.1 April 3, 2007
www.xilinx.com
9
Product Specification
1-800-255-7778
R
9
1
–
–––
–
429
11
1
–
–
–
–
–
321
9
2
50
74
Y11
R8
U9
426
11
2
–
87
Y15
P10
W13
318
9
3
51
75
W11
P8
T9
423
11
3
60
88
V14
T12
V13
315
9
4
–
–––
–
420
11
4
–
–
–
–
–
312
9
5
52
76
V11
T8
W10
417
11
5
61
89
W15
N10
U13
309
9
6
53
77
U11
M8
V10
414
11
6
–
90
Y16
T13
T13
306
9
7
–
–
–
–
–
411
11
7
–
–
–
–
–
303
9
8
54
78
Y12
T9
U10
408
11
8
–
91
U14
M11
W14
300
9
9
–
–
W12
P9
W11
405
11
9
–
–
Y17
N11
T14
297
9
10
–
80
V12
R9
V11
402
11
10
64
95
V16
T14
W15
294
9
11
56
82
U12
M9
U11
399
11
11
66
97
Y18
R12
V15
291
9
12
57
83
Y13
T10
T11
396
11
12
68
99
V17
T15
W16
288
9
13
–
–
–
–
–
393
11
13
–
–
–
–
–
285
9
14
58
84
W13
M10
W12
390
11
14
69
100
Y19
R14
U16
282
9
15
–
85
V13
R10
V12
387
11
15
–
101
V18
N13
W17
279
9
16
–
–
–
–
–
384
11
16
–
–
–
–
–
276
9
17
59
86
W14
T11
T12
381
11
17
70
102
W19
R13
W18
273
9
18
–
–
–
–
–
378
11
18
–
–
–
–
–
270
10
1
–
–
–
–
–
375
12
1
–
–
–
–
–
267
10
2
117
170
A14
B11
C14
372
12
2
110
158
B18
B13
B19
264
10
3
118
171
C13
D11
B14
369
12
3
111
159
C17
B14
B18
261
10
4
–
–
–
–
–
366
12
4
–
–
–
–
–
258
10
5
119
173
B13
A11
A14
363
12
5
112
160
D16
C13
B17
255
10
6
120
174
A13
D10
C13
360
12
6
–
161
A18
A15
A18
252
10
7
–
–
–
–
–
357
12
7
–
–
–
–
–
249
10
8
121
175
D12
B10
B13
354
12
8
113
162
A17
C12
A17
246
10
9
–
–
C12
E12
A13
351
12
9
–
–
C16
B12
D16
243
10
10
124
178
A12
F12
A12
348
12
10
115
164
A16
D13
C16
240
10
11
125
179
B11
B9
C12
345
12
11
–
165
C15
A14
B16
237
10
12
126
180
C11
C9
B12
342
12
12
116
166
D14
E13
A16
234
10
13
–
–
–
–
–
339
12
13
–
–
–
–
–
231
10
14
128
182
B10
A9
B11
336
12
14
–
167
B15
A13
C15
228
10
15
–
183
C10
D9
C11
333
12
15
–
168
A15
C11
B15
225
10
16
–
–
–
–
–
330
12
16
–
–
–
–
–
222
10
17
129
185
D10
E10
A10
327
12
17
–
169
C14
A12
D15
219
10
18
–
–
–
–
–
324
12
18
–
–
–
–
–
216
Notes:
1.
Global control pin.
2.
The pin-outs are the same for Pb-free versions of packages.
XC95288XL I/O Pins (Continued)(2)
Func-
tion
Block
Macro
cell
TQ144
PQ208 BG256 FG256 CS280
BScan
Order
Func-
tion
Block
Macro
cell
TQ144 PQ208 BG256 FG256 CS280
BScan
Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14