Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H12WD4875 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

No. de pieza H12WD4875
Descripción Electrónicos  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSATA [Sensata Technologies, Inc.]
Página de inicio  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

H12WD4875 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  H12WD4875 Datasheet HTML 1Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 2Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 3Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 4Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 5Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 6Page - Sensata Technologies, Inc. H12WD4875 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
GENERAL SPECIFICATIONS (5)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60 Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9 g)
Housing Material
94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (lb-in/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (lb-in/Nm)
18-20 / 2.0-2.2
SSR Mounting Screw Torque Range (lb-in/Nm)
18-20 / 2.0-2.2
Humidity per IEC60068-2-78
93% non-condensing
Input/Load Terminal Screw Torque Range (lb-in/Nm) (3)
w/”K” option 8-10 / 0.9-1.13
LED Input Status Indicator
w/”G” option (green)
MTBF (Mean Time Between Failures) at 40°C ambient temperature (9)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (9)
7,210,376 hours (823 years)
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (10)
V
4 (–)
3 (+)
1 ( )
2 ( )
AC
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
Standard Regulated DC Input
25
20
15
10
5
0
0
5
10
15
20
25
30
DC Input Voltage
Input/Output Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC
Page 2
EQUIVALENT CIRCUIT BLOCK DIAGRAM
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
(11)
(12)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com