| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAC7731EC/1K Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC7731EC/1K Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 23 page ![]() DAC7731 13 SBAS249B www.ti.com V CC REF OUT REF IN REFADJ V REF R OFFSET AGND RFB2 RFB1 SJ V OUT V DD V SS REFEN RSTSEL SCLK CS SDO SDI LDAC RST NC TEST DGND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 DAC7731 V CC REF OUT REF IN REFADJ V REF R OFFSET AGND RFB2 RFB1 SJ V OUT V DD V SS REFEN RSTSEL SCLK CS SDO SDI LDAC RST NC TEST DGND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 DAC7731 From Host Controller To next DAC7731 First Device in Chain Second Device in Chain cycle written into the chain will arrive at the last DAC7731 on the final cycle of the data transfer. Upon completion of the required number of data transfer cycles (one cycle per device), each DAC voltage output is updated with a rising edge on the LDAC inputs. Figure 7 shows the required timing to properly update two DAC7731s in a daisy-chained con- figuration, as shown in Figure 8. DAC RESET The RST and RSTSEL inputs control the reset of the analog output. The reset command is level triggered by a low signal on RST. Once RST is LOW, the DAC output will begin settling to the mid-scale or min-scale code depending on the state of the RSTSEL input. A HIGH value on RSTSEL will cause VOUT to reset to the mid-scale code (8000H) and a LOW value will reset VOUT to min-scale (8000H). A change in the state of the RSTSEL input while RST is LOW will cause a corresponding change in the reset command selected internally and consequently change the output value of VOUT of the DAC. Note that a valid reset signal also resets the input register of the DAC to the value specified by the state of RSTSEL. SCLK CS LDAC SDI A15 A14 A0 XX X SDO 12 12 16 16 LSBs latched LSBs latched Both DAC V OUT's are updated First Data Transfer Cycle Previous cycle word from host (to DAC7731 B SDI) B15 B14 B1 B0 A15 A14 A1 A0 FIGURE 7. DAC7731 Daisy-Chain Timing for Figure 7. DAC via SDI and out of the DAC on SDO. Care must be taken that the LDAC signal to the DAC(s) is timed correctly so that valid data is transferred into the DAC register on each rising LDAC edge. ( Valid data refers to the serial data latched on each of the 16 rising SCLK edges prior to the occurrence of a rising LDAC signal.) The rising edge of LDAC must occur before the first rising SCLK edge of the following 16-bit transfer. Figure 6 shows continuous transfer timing. DAISY-CHAINING USING SDO Multiple DAC7731s can be connected to a single serial port by attaching each of their control inputs in parallel and daisy- chaining the SDO and SDI I/Os of each device. The SDO output of the DAC7731 is active when CS is LOW and can be left unconnected when not required for use in a daisy- chain configuration. Once a data transfer cycle begins, new data is shifted into SDI and data currently residing in the shift register (from previous cycle, power-up, or reset command) is presented on SDO, MSB first. One data transfer cycle for each DAC7731 is required to update all devices in the chain. The first data FIGURE 8. DAC7731 Daisy-Chain Schematic. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |