Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MCP601T-EST Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza MCP601T-EST
Descripción Electrónicos  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601T-EST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP601T-EST Datasheet HTML 3Page - Microchip Technology MCP601T-EST Datasheet HTML 4Page - Microchip Technology MCP601T-EST Datasheet HTML 5Page - Microchip Technology MCP601T-EST Datasheet HTML 6Page - Microchip Technology MCP601T-EST Datasheet HTML 7Page - Microchip Technology MCP601T-EST Datasheet HTML 8Page - Microchip Technology MCP601T-EST Datasheet HTML 9Page - Microchip Technology MCP601T-EST Datasheet HTML 10Page - Microchip Technology MCP601T-EST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 7
MCP601/1R/2/3/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 50 pF and CS is tied low.
FIGURE 2-13:
Channel-to-Channel
Separation vs. Frequency.
FIGURE 2-14:
Input Bias Current, Input
Offset Current vs. Ambient Temperature.
FIGURE 2-15:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-16:
CMRR, PSRR vs.
Frequency.
FIGURE 2-17:
Input Bias Current, Input
Offset Current vs. Common Mode Input Voltage.
FIGURE 2-18:
DC Open-Loop Gain vs.
Supply Voltage.
90
100
110
120
130
140
150
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
No Load
Input Referred
1k
10k
100k
1M
1
10
100
1000
25 35 45 55 65 75 85 95 105 115 125
Ambient Temperature (°C)
IB
VDD = 5.5V
VCM = 4.3V
IOS
80
90
100
110
120
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (Ω)
VDD = 2.7V
VDD = 5.5V
100
1k
10k
100k
10
20
30
40
50
60
70
80
90
100
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
Frequency (Hz)
CMRR
VDD = 5.0V
1100
10k
1M
PSRR+
PSRR–
10
1k
100k
1
10
100
1000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
IB, +85°C
VDD = 5.5V
max. VCMR ≥ 4.3V
IB, +125°C
IOS, +85°C
IOS, +125°C
80
90
100
110
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
RL = 25 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com