Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2753 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LTC2753
Descripción Electrónicos  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 4 Page - Linear Technology

  LTC2753 Datasheet HTML 1Page - Linear Technology LTC2753 Datasheet HTML 2Page - Linear Technology LTC2753 Datasheet HTML 3Page - Linear Technology LTC2753 Datasheet HTML 4Page - Linear Technology LTC2753 Datasheet HTML 5Page - Linear Technology LTC2753 Datasheet HTML 6Page - Linear Technology LTC2753 Datasheet HTML 7Page - Linear Technology LTC2753 Datasheet HTML 8Page - Linear Technology LTC2753 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2753
4
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
0.5
1
μA
Digital Inputs
VIH
Digital Input High Voltage
3.3V ≤ VDD ≤ 5.5V
2.7V ≤ VDD < 3.3V
2.4
2
V
V
VIL
Digital Input Low Voltage
4.5V < VDD ≤ 5.5V
2.7V ≤ VDD ≤ 4.5V
0.8
0.6
V
V
IIN
Digital Input Current
VIN = GND to VDD
±1
μA
CIN
Digital Input Capacitance
VIN = 0V (Note 10)
6pF
Digital Outputs
VOH
IOH = 200μA
VDD – 0.4
V
VOL
IOL = 200μA
0.4
V
TIMING CHARACTERISTICS The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
7ns
t2
I/O Valid to WR Rising Edge Hold
7ns
t3
WR Pulse Width Low
15
ns
t4
UPD Pulse Width High
15
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 10)
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
7ns
t8
WR Rising Edge to D/S Valid Hold Time
7ns
t9
A1-A0 Valid to WR Falling Edge Setup Time
5ns
t10
WR Rising Edge to A1-A0 Valid Hold Time
0ns
t11
A1-A0 Valid to UPD Rising Edge Setup Time
9ns
t12
UPD Falling Edge to A1-A0 Valid Hold Time
7ns
Readback Timing
t13
WR Rising Edge to READ Rising Edge
7ns
t14
READ Falling Edge to WR Falling Edge
(Note 10)
20
ns
t15
READ Rising Edge to I/O Propagation Delay
CL = 10pF
40
ns
t26
A1-A0 Valid to READ Rising Edge Setup Time
20
ns
t27
READ Falling to A1-A0 Valid Hold Time
(Note 10)
0ns
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com