| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT12E Datasheet(PDF) 7 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
HT12E Datasheet(HTML) 7 Page - SYC Electronica |
|
7 / 12 page ![]() Information word If L/MB=1 the device is in the latch mode (for use with the latch type of data decoders). When the trans- mission enable is removed during a transmission, the DOUT pin outputs a complete word and then stops. On the other hand, if L/MB=0 the device is in the momentary mode (for use with the momentary type of data decoders). When the transmission enable is removed during a transmission, the DOUT outputs a complete word and then adds 7 words all with the ²1² data code. An information word consists of 4 periods as illustrated below. Address/data waveform Each programmable address/data pin can be externally set to one of the following two logic states as shown below. HT12A/HT12E 1/ 3 bi t s y n c . per i o d pi l o t pe r i od ( 12 bi t s ) addr es s c ode per i o d per i od dat a c ode Composition of information "O n e " " Z er o" f OS C A ddr es s / Da t a B i t Address/Data bit waveform for the HT12E "O n e " " Z er o" f OS C Da t a B i t Da t a B i t "O n e " " Z er o" A ddr es s B i t A ddr es s B i t 38k H z ca r r i e r Address/Data bit waveform for the HT12A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |