Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCR3DM31A Datasheet(PDF) 17 Page - Toshiba Semiconductor

No. de pieza TCR3DM31A
Descripción Electrónicos  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM31A Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TCR3DM31A Datasheet HTML 12Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 13Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 14Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 15Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 16Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 17Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 18Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 19Page - Toshiba Semiconductor TCR3DM31A Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
17
⚫
IOUT = 300 mA
VOUT = 1.0 V
VOUT = 2.5 V
VOUT = 4.5 V
Note: The above characteristics curves are presented for reference only and not guaranteed by
production test, unless otherwise noted.
VOUT: 500 mV/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 500 mV/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 1 V/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 1 V/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 2 V/div
IIN: 500 mA/div
50 µs/div
VCT: 1 V/div
VOUT: 2 V/div
IIN: 500 mA/div
50 µs/div
VCT: 1 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com