Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

6208A Datasheet(PDF) 4 Page - NANJING CHIPOWER ELECTRONICS INC.

No. de pieza 6208A
Descripción Electrónicos  Ultra-Fast High PSRR 1A CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Página de inicio  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

6208A Datasheet(HTML) 4 Page - NANJING CHIPOWER ELECTRONICS INC.

  6208A Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. 6208A Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
V1.1
Ultra-F
T
Figu
Input
Outp
Caut
comp
abov
T
1)
3)
Fast High PS
TYPICAL A
ure1 CE6208A
t capacitor (C
ut capacitor
tion: A ge
ponents se
ve capacito
TYPICAL
Input Tran
Output Vo
SRR 1A CM
APPLICAT
A Typical App
CIN): 4.7μF o
r (COUT): 4.7
eneral serie
elected. Che
r.
PERFORM
nsient Resp
oltage vs. Te
MOS Voltage
TION CIRC
plication Circ
or more;
μF or more;
es regulato
eck that no
MANCE CH
ponse
emperature
4 (11)
e Regulator
CUITS
cuit
Fi
or may os
oscillation
HARACTE
2
e
4
r
igure2 CE620
scillate, de
occurs wit
ERISTICS
2)Load Tra
4)Power S
08B Typical A
epending o
th the appli
ansient Res
upply Reje
CE620
Application Ci
on the ext
cation usin
sponse
ction Ratio
08 Series
ircuit
ternal
ng the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com