Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PEAD150B Datasheet(PDF) 1 Page - TT Electronics.

No. de pieza PEAD150B
Descripción Electrónicos  PEAD150B Power Supply Series (150W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD150B Datasheet(HTML) 1 Page - TT Electronics.

  PEAD150B Datasheet HTML 1Page - TT Electronics. PEAD150B Datasheet HTML 2Page - TT Electronics. PEAD150B Datasheet HTML 3Page - TT Electronics. PEAD150B Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.10 22/04/2021 Page: 1
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Description:
The PEAD150B series of AC/DC switching power supplies are for 150 watts of continuous output power. They are available
as Class I or Class II devices with the inlet of the IEC320/C14, C6, C8, or C18 to mate with an interchangeable cord for world-
wide use. All models meet FCC, EN55022, and CISPR22 class B emission limits, and comply with UL, IEC, DOE level VI, CE,
and more.
Features:
•
Efficiency Level VI
•
<210mW No Load Power Consumption
•
Short Circuit Protection
•
Overload Protection
•
No Load Operation
•
100 % Burn-In/Hi-Pot Testing
•
RoHS Compliant
•
IEC320-C6, C8, C14, C18
Model
Voltage
Max Current
Total Power
Load Regulation
Line Regulation
Ripple &
Noise (P-P)
PEAD150B-12
12VDC
12.5A
150W
±5%
±1%
240mV
PEAD150B-13
15VDC
10.00A
150W
±5%
±1%
240mV
PEAD150B-13-2
19VDC
7.89A
150W
±5%
±1%
360mV
PEAD150B-14
24VDC
6.25A
150W
±5%
±1%
360mV
PEAD150B-16
32VDC
4.68A
150W
±5%
±1%
630mV
PEAD150B-17
36VDC
4.17A
150W
±5%
±1%
630mV
PEAD150B-18
48VDC
3.13A
150W
±5%
±1%
840mV
PEAD150B-19-1
56VDC
2.67A
150W
±5%
±1%
840mV
Add suffix “SF” for C8 AC inlet. Example: PEAD150BSF-14
Add suffix “S” for C6 AC inlet, Example: PEAD150BS-14
Add suffix “F” for C18 AC inlet, Example: PEAD150BF-14


Número de pieza similar - PEAD150B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
PEAD150C TTELEC-PEAD150C Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-12 TTELEC-PEAD150C-12 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-13 TTELEC-PEAD150C-13 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-13-2 TTELEC-PEAD150C-13-2 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-14 TTELEC-PEAD150C-14 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
More results

Descripción similar - PEAD150B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
150W Single Output Switching Power Supply
logo
Tumbler Technologies + ...
TIPC150-FXS TRUMPOWER-TIPC150-FXS Datasheet
171Kb / 1P
150W FlexATX IPC Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
150W Single Output Switching Power Supply
logo
ETA-USA
VTE-SC ETA-USA-VTE-SC Datasheet
2Mb / 3P
150W Isolated Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com