| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CC1050-RTR1 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1050-RTR1 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 43 page ![]() CC1050 SWRS044 Page 11 of 40 Configuration Software Chipcon provides users of CC1050 with a software program, SmartRF ® Studio (Windows interface) that generates all necessary CC1050 configuration data based on the user's selections of various parameters. These hexadecimal numbers will then be the necessary input to the microcontroller for the configuration of CC1050. In addition the program will provide the user with the component values needed for the output matching circuit and the VCO inductor. Figure 3 shows the user interface of the CC1050 configuration software. Figure 3. SmartRF ® Studio user interface Not Recommended for New Designs |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |