Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST13003 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST13003
Descripción Electrónicos  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST13003 Datasheet HTML 2Page - STMicroelectronics ST13003 Datasheet HTML 3Page - STMicroelectronics ST13003 Datasheet HTML 4Page - STMicroelectronics ST13003 Datasheet HTML 5Page - STMicroelectronics ST13003 Datasheet HTML 6Page - STMicroelectronics ST13003 Datasheet HTML 7Page - STMicroelectronics ST13003 Datasheet HTML 8Page - STMicroelectronics ST13003 Datasheet HTML 9Page - STMicroelectronics ST13003 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
ST13003, ST13003-K
8/10
DocID13533 Rev 5
Figure 14. SOT-32 (TO-126) drawings
Table 5. SOT-32 (TO-126) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A2.4
2.9
B0.64
0.88
B1
0.39
0.63
D
10.5
11.05
E7.4
7.8
e
2.04
2.29
2.54
e1
4.07
4.58
5.08
L15.3
16
P2.9
3.2
Q3.8
Q1
1
1.52
H2
2.15
I1.27



Html Pages

1 2 3 4 5 6 7 8 9 10