Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UBT1E331MPD8 Datasheet(PDF) 3 Page - Nichicon corporation

No. de pieza UBT1E331MPD8
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NICHICON [Nichicon corporation]
Página de inicio  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBT1E331MPD8 Datasheet(HTML) 3 Page - Nichicon corporation

  UBT1E331MPD8 Datasheet HTML 1Page - Nichicon corporation UBT1E331MPD8 Datasheet HTML 2Page - Nichicon corporation UBT1E331MPD8 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UBT
Dimensions
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(125℃/120Hz)
Part Number
(
at 20℃ after
1 minute
)
160
(2C)
22
10 × 20
0.20
240.8
115
UBT2C220MPD8
33
10 × 25
0.20
311.2
154
UBT2C330MPD8
47
12.5 × 20
0.20
400.8
187
UBT2C470MHD8
68
12.5 × 25
0.20
535.2
245
UBT2C680MHD8
100
16 × 25
0.20
740
329
UBT2C101MHD8
150
16 × 30.5
0.20
1060
434
UBT2C151MHD8
200
(2D)
10
10 × 20
0.20
180
78
UBT2D100MPD8
22
10 × 25
0.20
276
126
UBT2D220MPD8
33
12.5 × 20
0.20
364
157
UBT2D330MHD8
47
12.5 × 25
0.20
476
204
UBT2D470MHD8
68
16 × 20
0.20
644
250
UBT2D680MHD8
100
16 × 25
0.20
900
329
UBT2D101MHD8
250
(2E)
10
10 × 20
0.20
200
78
UBT2E100MPD8
22
12.5 × 20
0.20
320
128
UBT2E220MHD8
33
12.5 × 25
0.20
430
171
UBT2E330MHD8
47
16 × 25
0.20
570
225
UBT2E470MHD8
68
16 × 30.5
0.20
780
292
UBT2E680MHD8
350
(2V)
4.7
10 × 20
0.24
165.8
53
UBT2V4R7MPD8
10
10 × 25
0.24
240
85
UBT2V100MPD8
22
12.5 × 25
0.24
408
139
UBT2V220MHD8
33
16 × 25
0.24
562
189
UBT2V330MHD8
47
16 × 30.5
0.24
758
243
UBT2V470MHD8
400
(2G)
4.7
10 × 20
0.24
175.2
53
UBT2G4R7MPD8
10
10 × 25
0.24
260
86
UBT2G100MPD8
22
12.5 × 30.5
0.24
452
142
UBT2G220MHD8
33
16 × 25
0.24
628
189
UBT2G330MHD8
47
16 × 30.5
0.24
852
243
UBT2G470MHD8
450
(2W)
4.7
10 × 25
0.24
184.6
58
UBT2W4R7MPD8
10
12.5 × 20
0.24
280
86
UBT2W100MHD8
22
16 × 25
0.24
496
154
UBT2W220MHD8
33
16 × 30.5
0.24
694
203
UBT2W330MHD8
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(125℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
80
(1K)
22
8×11.5
0.08
52.8
1.50
150
UBT1K220MPD8
33
10×12.5
0.08
79.2
0.80
480
UBT1K330MPD8
47
10×12.5
0.08
112.8
0.80
480
UBT1K470MPD8
100
10×20
0.08
240
0.39
790
UBT1K101MPD8
220
12.5×25
0.08
528
0.18
1240
UBT1K221MHD8
330
12.5×30.5
0.08
792
0.16
1390
UBT1K331MHD8
470
16×25
0.08
1128
0.11
1500
UBT1K471MHD8
100
(2A)
10
8×11.5
0.08
30
1.50
150
UBT2A100MPD8
22
10×12.5
0.08
66
0.80
480
UBT2A220MPD8
33
10×12.5
0.08
99
0.80
480
UBT2A330MPD8
47
10×16
0.08
141
0.55
630
UBT2A470MPD8
100
12.5×20
0.08
300
0.25
990
UBT2A101MHD8
220
16×25
0.08
660
0.11
1500
UBT2A221MHD8
330
16×30.5
0.08
990
0.079
1790
UBT2A331MHD8



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com