| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STR910FAM32X6 Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAM32X6 Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 99 page ![]() Electrical characteristics STR91xFAx32 STR91xFAx42 STR91xFAx44 66/99 7.7.3 RTC oscillator electrical characteristics VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified. Table 20. RTC oscillator electrical characteristics Symbol Parameter Test Conditions Value Unit Min Typ Max gM(RTC) Oscillator Start _voltage(1) 1. Data based on bench measurements, not tested in production. VDD_LVD+ (2) 2. Refer to Table 15 for min. value of VDD_LVD+ V tSTUP(RTC) Oscillator Start-up Time (1) VDD stable 1 S Table 21. RTC crystal electrical characteristics Symbol Parameter Value Unit Min Typ Max fO Resonant frequency 32.768 kHz RS Series resistance 40 k Ω CL Load capacitance 8 pF |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |