| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STR910FAM44X6T Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAM44X6T Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 99 page ![]() Pin description STR91xFAx32 STR91xFAx42 STR91xFAx44 48/99 47 77 H11 P5.5 I/O GPIO_5.5, GP Input, HiZ EXINT13, External Intr SSP0_MOSI, SSP slv dat in GPIO_5.5, GP Output SSP0_MOSI, SSP mstr dat out EMI_CS1n, EMI Chip Select 48 79 H9 P5.6 I/O GPIO_5.6, GP Input, HiZ EXINT14, External Intr SSP0_MISO, SSP mstr dat in GPIO_5.6, GP Output SSP0_MISO, SSP slv data out EMI_CS2n, EMI Chip Select 49 80 G12 P5.7 I/O GPIO_5.7, GP Input, HiZ EXINT15, External Intr SSP0_NSS, SSP slv select in GPIO_5.7, GP Output SSP0_NSS, SSP mstr sel out EMI_CS3n, EMI Chip Select 19 29 H4 P6.0 I/O GPIO_6.0, GP Input, HiZ EXINT16, External Intr TIM0_ICAP1, Input Capture GPIO_6.0, GP Output TIM0_OCMP1, Out comp/PWM MC_UH, IMC phase U hi 20 31 J3 P6.1 I/O GPIO_6.1, GP Input, HiZ EXINT17, External Intr TIM0_ICAP2, Input Capture GPIO_6.1, GP Output TIM0_OCMP2, Out comp MC_UL, IMC phase U lo 13 19 G2 P6.2 I/O GPIO_6.2, GP Input, HiZ EXINT18, External Intr TIM1_ICAP1, Input Capture GPIO_6.2, GP Output TIM1_OCMP1, Out comp/PWM MC_VH, IMC phase V hi 14 20 G3 P6.3 I/O GPIO_6.3, GP Input, HiZ EXINT19, External Intr TIM1_ICAP2, Input Capture GPIO_6.3, GP Output TIM1_OCMP2, Out comp MC_VL, IMC phase V lo 52 83 G8 P6.4 I/O GPIO_6.4, GP Input, HiZ EXINT20, External Intr TIM2_ICAP1, Input Capture GPIO_6.4, GP Output TIM2_OCMP1, Out comp/PWM MC_WH, IMC phase W hi 53 84 G7 P6.5 I/O GPIO_6.5, GP Input, HiZ EXINT21, External Intr TIM2_ICAP2, Input Capture GPIO_6.5, GP Output TIM2_OCMP2, Out comp MC_WL, IMC phase W lo 57 92 E9 P6.6 I/O GPIO_6.6, GP Input, HiZ EXINT22_TRIG, Ext Intr & Tach UART0_RxD, UART rcv data GPIO_6.6, GP Output TIM3_OCMP1, Out comp/PWM ETM_TRCLK, ETM trace clock 58 93 D12 P6.7 I/O GPIO_6.7, GP Input, HiZ EXINT23_STOP, Ext Intr & Estop ETM_EXTRIG, ETM ext. trigger GPIO_6.7, GP Output TIM3_OCMP2, Out comp UART0_TX, UART xmit data - 5 D1 P7.0 I/O GPIO_7.0, GP Input, HiZ EXINT24, External Intr TIM0_ICAP1, Input Capture GPIO_7.0, GP Output 8b) EMI_A0, 16b) EMI_A16 ETM_PCK0, ETM Packet - 6 D2 P7.1 I/O GPIO_7.1, GP Input, HiZ EXINT25, External Intr TIM0_ICAP2, Input Capture GPIO_7.1, GP Output 8b) EMI_A1, 16b) EMI_A17 ETM_PCK1, ETM Packet - 7 B1 P7.2 I/O GPIO_7.2, GP Input, HiZ EXINT26, External Intr TIM2_ICAP1, Input Capture GPIO_7.2, GP Output 8b) EMI_A2, 16b) EMI_A18 ETM_PCK2, ETM Packet - 13 F1 P7.3 I/O GPIO_7.3, GP Input, HiZ EXINT27, External Intr TIM2_ICAP2, Input Capture GPIO_7.3, GP Output 8b) EMI_A3, 16b) EMI_A19 ETM_PCK3, ETM Packet - 14 G1 P7.4 I/O GPIO_7.4, GP Input, HiZ EXINT28, External Intr UART0_RxD, UART rcv data GPIO_7.4, GP Output 8b) EMI_A4, 16b) EMI_A20 EMI_CS3n, EMI Chip Select - 15 E5 P7.5 I/O GPIO_7.5, GP Input, HiZ EXINT29, External Intr ETM_EXTRIG, ETM ext. trigger GPIO_7.5, GP Output 8b) EMI_A5, 16b) EMI_A21 EMI_CS2n, EMI Chip Select - 118 E6 P7.6 I/O GPIO_7.6, GP Input, HiZ EXINT30, External Intr TIM3_ICAP1, Input Capture GPIO_7.6, GP Output 8b) EMI_A6, 16b) EMI_A22 EMI_CS1n, EMI Chip Select - 119 A5 P7.7 I/O GPIO_7.7, GP Input, HiZ EXINT31, External Intr TIM3_ICAP2, Input Capture GPIO_7.7, GP Output EMI_CS0n, EMI chip select 16b) EMI_A23, 8b) EMI_A7 - 26 L1 P8.0 I/O GPIO_8.0, GP Input, HiZ -- GPIO_8.0, GP Output 8b) EMI_D0, 16b) EMI_AD0 - Table 9. Device pin description (continued) Pkg Pin Name Default Pin Function Default Input Function Alternate functions Alternate Input 1 Alternate Output 1 Alternate Output 2 Alternate Output 3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |