Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6217 Datasheet(PDF) 21 Page - Torex Semiconductor

No. de pieza XC6217
Descripción Electrónicos  High Speed "Green Operation" LDO Voltage Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6217 Datasheet HTML 17Page - Torex Semiconductor XC6217 Datasheet HTML 18Page - Torex Semiconductor XC6217 Datasheet HTML 19Page - Torex Semiconductor XC6217 Datasheet HTML 20Page - Torex Semiconductor XC6217 Datasheet HTML 21Page - Torex Semiconductor XC6217 Datasheet HTML 22Page - Torex Semiconductor XC6217 Datasheet HTML 23Page - Torex Semiconductor XC6217 Datasheet HTML 24Page - Torex Semiconductor XC6217 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21/31
XC6217
Series
XC6217x302
2.5
2.6
2.7
2.8
2.9
3
3.1
Time (500usec/div)
0
50
100
150
200
250
300
GO Mode
XC6217x302
2.5
2.6
2.7
2.8
2.9
3
3.1
Time (500usec/div)
0
50
100
150
200
250
300
High Speed Mode
Output Current
Output Current
Output Voltage
Output Voltage
100mA
0.1mA
100mA
10mA
VIN=CE=4.0V, GO=VSS(A/B Type), Tr=Tf=5usec
Topr=25℃, CIN=CL=1uF(ceramic)
VIN=CE=4.0V, GO=VIN(A/B Type), Tr=Tf=5usec
Topr=25℃, CIN=CL=1uF(ceramic)
XC6217x182
-1
0
1
2
3
4
5
Time (20usec/div)
1.7
1.75
1.8
1.85
1.9
1.95
2
High Speed Mode
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec
IOUT=1mA, Topr=25℃, CL=1uF(ceramic)
XC6217x182
-1
0
1
2
3
4
5
Time (20usec/div)
1.7
1.75
1.8
1.85
1.9
1.95
2
High Speed Mode
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec
IOUT=30mA, Topr=25℃, CL=1uF(ceramic)
Output Voltage
Input Voltage
Input Voltage
Output Voltage
XC6217x182
-1
0
1
2
3
4
5
Time (20usec/div)
1.7
1.75
1.8
1.85
1.9
1.95
2
High Speed Mode
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec
IOUT=100mA, Topr=25℃, CL=1uF(ceramic)
Output Voltage
Input Voltage
(9) Load Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com