Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU7 Datasheet(PDF) 61 Page - STMicroelectronics

No. de pieza STM32H523VCU7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU7 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32H523VCU7 Datasheet HTML 57Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 58Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 59Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 60Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 61Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 62Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 63Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 64Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 228 page
background image
DS14540 Rev 1
61/228
STM32H523xx
Pinout, pin description and alternate function
63
Figure 10. LQFP144 pinout
1. The above figure shows the package top view.
MSv67305V3
LQFP144
23
24
25
26
27
28
29
30
31
32
33
34
35
36
20
22
15
17
19
13
14
16
18
88
86
85
84
83
82
81
80
79
78
77
76
75
74
73
89
87
94
92
90
97
96
95
93
91
108
VDD
104
107
106
105
103
99
98
101
100
102
12
11
6
8
10
4
5
7
9
3
2
1
PE2
21
PC13
PC15-OSC32_OUT
PF1
PF3
PF5
VDD
PF7
PF9
PH0-OSC_IN
NRST
PC1
PC3
VSSA
VDDA
PA1
PE3
PE5
PC14-OSC32_IN
PF0
PF2
PF4
VSS
PF6
PF8
PF10
PH1-OSC_OUT
PC0
PC2
VDD
VREF+
PA0
PA2
PE4
VBAT
PE6
PA10
PA8
PC8
PC6
VSS
PG7
PG5
PG3
PD15
VDD
PD13
PD11
PD9
PB15
PB13
VSS
PA13
PA9
PC9
PC7
VDD
PG8
PG6
PG4
PG2
PD14
VSS
PD12
PD10
PD8
PB14
PB12
VDDUSB
PA11
PA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com