Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU7 Datasheet(PDF) 108 Page - STMicroelectronics

No. de pieza STM32H523VCU7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU7 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32H523VCU7 Datasheet HTML 104Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 105Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 106Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 107Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 108Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 109Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 110Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 111Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 228 page
background image
Electrical characteristics
STM32H523xx
108/228
DS14540 Rev 1
Table 31. Typical consumption in Run mode with SecureMark running from
flash memory and SRAM(1)
1. Evaluated by characterization - Not tested in production.
Symbol Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Unit
Typ
LDO
Unit
Peripheral
Code
IDD(Run)
Supply
current in
Run mode
All peripherals disabled,
instruction cache 2-way,
prefetch ON
FLASH
250
32.8
mA
131.2
μA/MHz
180
20.9
116.2
168
19.4
115.6
150
16.1
107.2
100
10.3
102.5
All peripherals disabled,
instruction cache 1-way,
prefetch ON
FLASH
250
30.0
120.0
180
19.1
106.4
168
17.9
106.3
150
14.7
98.3
100
9.5
94.6
Table 32. Typical and maximum current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Max(1)
1. Evaluated by characterization - Not tested in production.
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°
IDD(sleep)
Supply
current in
sleep mode
All peripherals
disabled
VOS0
250
6.3
7
18
27
-
mA
200
4.9
6
15
25
-
VOS1
200
4.2
5
12
20
35
180
4.1
5
12
20
35
168
3.6
4
12
19
35
150
3.3
4
11
18
34
VOS2
150
3.0
4
10
16
29
100
2.4
3
9
15
28
VOS3
100
2.2
3
8
13
24
60
1.7
2
7
12
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com