Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU7 Datasheet(PDF) 213 Page - STMicroelectronics

No. de pieza STM32H523VCU7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU7 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32H523VCU7 Datasheet HTML 209Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 210Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 211Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 212Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 213Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 214Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 215Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 216Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 228 page
background image
DS14540 Rev 1
213/228
STM32H523xx
Package information
224
6.7
UFBGA100 package information (A0C2)
This UFBGA is a 100-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array package.
Note:
See list of notes in the notes section.
Figure 71. UFBGA100 - Outline(13)
A0C2_UFBGA_ME_V8
e
D
A
Øb (N balls)
E
TOP VIEW
BOTTOM VIEW
1
e
A
A
B
D1
E1
eee
CA
B
fff
Ø
Ø
M
M C
A1 ball pad
corner
B
C
E
D
F
G
H
J
K
L
M
3
24
5
7
68 9
11
10
Seating plane
C
A1
A2
ddd
ccc
C
C
Detail A
Solder balls
Mold resin
Substrate
(8)
(DATUM A)
(DATUM B)
aaa C
(4X)
(9)
SIDE VIEW
DETAIL A
C
12
SE
SD
A1 ball pad
corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com