Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU7 Datasheet(PDF) 225 Page - STMicroelectronics

No. de pieza STM32H523VCU7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU7 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32H523VCU7 Datasheet HTML 220Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 221Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 222Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 223Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 224Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 225Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 226Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 227Page - STMicroelectronics STM32H523VCU7 Datasheet HTML 228Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 225 / 228 page
background image
DS14540 Rev 1
225/228
STM32H523xx
Ordering information
225
7
Ordering information
For a list of available options (such as speed or package) or for further information on any
aspect of this device, contact the nearest ST sales office.
Example:
STM32
H
523 V
E
T
6 TR
Device family
STM32 = Arm based 32-bit microcontroller
Product type
H = high performance
Device subfamily
5233 = STM32H523xx devices
Pin count
C = 48 pins
R = 64 pins
H = 39 balls
V = 100 pins/balls
Z = 144 pins/balls
Flash memory size
C = 256 Kbytes
E = 512 Kbytes
Package
U = UFQFPN
T = LQFP
I = UFBGA (7 x 7 mm)
K= UFBGA (10 x 10)
Y = WLCSP
Temperature range
6 = Temperature range, -40 to 85 °C
7 = Temperature range, -40 to 105 °C, and up to 125 °C at low dissipation (130 °C juntion)
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com