Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCK7 Datasheet(PDF) 78 Page - STMicroelectronics

No. de pieza STM32H523VCK7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCK7 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32H523VCK7 Datasheet HTML 74Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 75Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 76Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 77Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 78Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 79Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 80Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 81Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 228 page
background image
C5
45
45
61
95
A2
139
B3
PB8
I/O
FT_fsh
-
TIM4_CH3, I3C1_SCL, I2C1_SCL,
SPI4_RDY, SPI3_NSS/I2S3_WS,
SDMMC1_CKIN, UART4_RX,
FDCAN1_RX, SDMMC1_D4,
DCMI_D6/PSSI_D6, EVENTOUT
-
-
-
-
-
96
A1
140
A2
PB9
I/O
FT_fsh
-
TIM4_CH4, I3C1_SDA, I2C1_SDA,
SPI2_NSS/I2S2_WS,
SPI3_SCK/I2S3_CK, SDMMC1_CDIR,
UART4_TX, FDCAN1_TX, SDMMC1_D5,
DCMI_D7/PSSI_D7, EVENTOUT
-
-
-
-
-
97
B1
141
B2
PE0
I/O
FT_h
-
LPTIM1_ETR, TIM4_ETR, LPTIM2_CH2,
LPTIM2_ETR, SPI3_RDY, FDCAN1_RX,
FMC_NBL0, DCMI_D2/PSSI_D2,
EVENTOUT
-
A9
46
46
62
98
C4
142
D5
VCAP
S
-
-
-
-
-
47
47
63
99
-
143
-
VSS
S
-
-
-
-
-
48
48
64
100
-
144
-
VDD
S
-
-
-
-
-
-
-
-
-
-
-
C7
VDDIO2
S
-
-
-
-
1. A non-connected I/O in a given package is configured as an output tied to VSS. When VREF+ pad is not available on a package, the internal voltage reference buffer
(VREFBUF) is not available and must be kept disabled.
2. PC13, PC14 and PC15 are supplied through the power switch (by VSW). Since the switch only sinks a limited amount of current, the use of PC13 to PC15 GPIOs in output
mode is limited: The speed must not exceed 2 MHz with a maximum load of 30 pF. These GPIOs must not be used as current sources (for example to drive a LED).
3. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function depends then on the content of the RTC registers that are not reset by the
system reset. For details on how to manage these GPIOs, refer to the backup domain and RTC register descriptions in the product reference manual.
4. As a tamper input, only PC13, PA0, PA1, and PA2 are functional in Standby and VBAT mode. As a tamper output, only PC13, and PA1 are functional in Standby and VBAT
mode
5. After reset, these pins are configured as JTAG/SW debug alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are
activated too.
Table 13. STM32H523xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com