Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCK7 Datasheet(PDF) 199 Page - STMicroelectronics

No. de pieza STM32H523VCK7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCK7 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32H523VCK7 Datasheet HTML 195Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 196Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 197Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 198Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 199Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 200Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 201Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 202Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 228 page
background image
DS14540 Rev 1
199/228
STM32H523xx
Package information
224
6.2
WLCSP39 package information (B0MM)
This WLCSP is a 39-ball, 2.76 x 2.78 mm, 0.4 mm pitch, wafer level chip scale array
package.
Figure 60. WLCSP39 - Outline
1. Drawing is not to scale.
2. The A1 corner must be identified on the top surface of the package by using a marking or a physical
feature. A distinguish feature is allowable on the bottom surface of the package to identify the A1 corner.
Exact shape of each corner is optional.
B0MM_WLCSP39_ME_V1
E
D1
D
E1
SE
SD
e
BOTTOM VIEW
E
D
TOP VIEW
(Datum B)
(Datum A)
A1 ball pad corner
A1 ball pad corner
Øb (39 balls)
ddd
C A B
eee
Ø
Ø
M
M
C
A
B
C
D
E
G
F
(Datum A)
(Datum B)
11
10
9
8
7
6
5
4
3
2
1
aaa (4X)
c
A
A3
A2
C
A1
A
Seating plane
SIDE VIEW
1
2
3
4
5
6
7
8
9
10
11
A
B
C
D
E
G
F
Back side coating
Silicon
Solder balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com