| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F207VCY7VTR Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207VCY7VTR Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 184 page ![]() DocID15818 Rev 15 55/184 STM32F20xxx Pinouts and pin description 183 - - - - 130 D13 PH15 I/O FT - TIM8_CH3N, DCMI_D11, EVENTOUT - -- - - 131 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS, I2S2_WS, DCMI_D13, EVENTOUT - -- - - 132 D14 PI1 I/O FT - SPI2_SCK, I2S2_SCK, DCMI_D8, EVENTOUT - -- - - 133 C14 PI2 I/O FT - TIM8_CH4 ,SPI2_MISO, DCMI_D9, EVENTOUT - -- - - 134 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI, I2S2_SD, DCMI_D10, EVENTOUT - -- - - 135 D9 VSS S- - - - -- - - 136 C9 VDD S- - - - 49 A1 76 109 137 A14 PA14 (JTCK-SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 50 A2 77 110 138 A13 PA15 (JTDI) I/O FT - JTDI, SPI3_NSS, I2S3_WS,TIM2_CH1_ETR, SPI1_NSS, EVENTOUT - 51 B3 78 111 139 B14 PC10 I/O FT - SPI3_SCK, I2S3_SCK, UART4_TX, SDIO_D2, DCMI_D8, USART3_TX, EVENTOUT - 52 C3 79 112 140 B13 PC11 I/O FT - UART4_RX, SPI3_MISO, SDIO_D3, DCMI_D4,USART3_RX, EVENTOUT - 53 A3 80 113 141 A12 PC12 I/O FT - UART5_TX, SDIO_CK, DCMI_D9, SPI3_MOSI, I2S3_SD, USART3_CK, EVENTOUT - -- 81 114 142 B12 PD0 I/O FT - FSMC_D2,CAN1_RX, EVENTOUT - - - 82 115 143 C12 PD1 I/O FT - FSMC_D3, CAN1_TX, EVENTOUT - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |