Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F207VCY7VTR Datasheet(PDF) 128 Page - STMicroelectronics

No. de pieza STM32F207VCY7VTR
Descripción Electrónicos  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7VTR Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32F207VCY7VTR Datasheet HTML 124Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 125Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 126Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 127Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 128Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 129Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 130Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 131Page - STMicroelectronics STM32F207VCY7VTR Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 184 page
background image
Electrical characteristics
STM32F20xxx
128/184
DocID15818 Rev 15
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 54 or Figure 55,
depending on whether VREF+ is connected to VDDA or not. The 10 nF capacitors should be
ceramic (good quality). They should be placed them as close as possible to the chip.
Figure 54. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ and VREF– inputs are both available on UFBGA176 package. VREF+ is also available on all packages
except for LQFP64. When VREF+ and VREF– are not available, they are internally connected to VDDA and
VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More