| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F207VCY6TR Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207VCY6TR Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 184 page ![]() DocID15818 Rev 15 57/184 STM32F20xxx Pinouts and pin description 183 - - - 131 159 C7 VDD S- - - - - - - 132 160 B7 PG15 I/O FT - USART6_CTS, DCMI_D13, EVENTOUT - 55 A4 89 133 161 A10 PB3 (JTDO/TRACESWO) I/O FT - JTDO/ TRACESWO, SPI3_SCK, I2S3_SCK, TIM2_CH2, SPI1_SCK, EVENTOUT - 56 B4 90 134 162 A9 PB4 I/O FT - NJTRST, SPI3_MISO, TIM3_CH1, SPI1_MISO, EVENTOUT - 57 A5 91 135 163 A6 PB5 I/O FT - I2C1_SMBA, CAN2_RX, OTG_HS_ULPI_D7, ETH_PPS_OUT, TIM3_CH2, SPI1_MOSI, SPI3_MOSI, DCMI_D10, I2S3_SD, EVENTOUT - 58 B5 92 136 164 B6 PB6 I/O FT - I2C1_SCL,, TIM4_CH1, CAN2_TX, DCMI_D5,USART1_TX, EVENTOUT - 59 A6 93 137 165 B5 PB7 I/O FT - I2C1_SDA, FSMC_NL(6), DCMI_VSYNC, USART1_RX, TIM4_CH2, EVENTOUT - 60 B6 94 138 166 D6 BOOT0 I B - - VPP 61 B7 95 139 167 A5 PB8 I/O FT - TIM4_CH3,SDIO_D4, TIM10_CH1, DCMI_D6, ETH_MII_TXD3, I2C1_SCL, CAN1_RX, EVENTOUT - 62 A7 96 140 168 B4 PB9 I/O FT - SPI2_NSS, I2S2_WS , TIM4_CH4, TIM11_CH1, SDIO_D5, DCMI_D7, I2C1_SDA, CAN1_TX, EVENTOUT - - - 97 141 169 A4 PE0 I/O FT - TIM4_ETR, FSMC_NBL0, DCMI_D2, EVENTOUT - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |