Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F207VCY6V Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza STM32F207VCY6V
Descripción Electrónicos  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY6V Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F207VCY6V Datasheet HTML 53Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 54Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 55Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 56Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 57Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 58Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 59Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 60Page - STMicroelectronics STM32F207VCY6V Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 184 page
background image
DocID15818 Rev 15
57/184
STM32F20xxx
Pinouts and pin description
183
-
-
- 131 159 C7
VDD
S-
-
-
-
-
-
- 132 160 B7
PG15
I/O FT
-
USART6_CTS, DCMI_D13,
EVENTOUT
-
55 A4 89 133 161 A10
PB3
(JTDO/TRACESWO)
I/O FT
-
JTDO/ TRACESWO,
SPI3_SCK, I2S3_SCK,
TIM2_CH2, SPI1_SCK,
EVENTOUT
-
56 B4 90 134 162 A9
PB4
I/O FT
-
NJTRST, SPI3_MISO,
TIM3_CH1, SPI1_MISO,
EVENTOUT
-
57 A5 91 135 163 A6
PB5
I/O FT
-
I2C1_SMBA, CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT, TIM3_CH2,
SPI1_MOSI, SPI3_MOSI,
DCMI_D10, I2S3_SD,
EVENTOUT
-
58 B5 92 136 164 B6
PB6
I/O FT
-
I2C1_SCL,, TIM4_CH1,
CAN2_TX,
DCMI_D5,USART1_TX,
EVENTOUT
-
59 A6 93 137 165 B5
PB7
I/O FT
-
I2C1_SDA, FSMC_NL(6),
DCMI_VSYNC,
USART1_RX, TIM4_CH2,
EVENTOUT
-
60 B6 94 138 166 D6
BOOT0
I
B
-
-
VPP
61 B7 95 139 167 A5
PB8
I/O FT
-
TIM4_CH3,SDIO_D4,
TIM10_CH1, DCMI_D6,
ETH_MII_TXD3, I2C1_SCL,
CAN1_RX, EVENTOUT
-
62 A7 96 140 168 B4
PB9
I/O FT
-
SPI2_NSS, I2S2_WS
,
TIM4_CH4, TIM11_CH1,
SDIO_D5, DCMI_D7,
I2C1_SDA, CAN1_TX,
EVENTOUT
-
-
-
97 141 169 A4
PE0
I/O FT
-
TIM4_ETR, FSMC_NBL0,
DCMI_D2, EVENTOUT
-
Table 8. STM32F20x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More