Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VCT7 Datasheet(PDF) 54 Page - STMicroelectronics

No. de pieza STM32F205VCT7
Descripción Electrónicos  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VCT7 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F205VCT7 Datasheet HTML 50Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 51Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 52Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 53Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 54Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 55Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 56Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 57Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 184 page
background image
Pinouts and pin description
STM32F20xxx
54/184
DocID15818 Rev 15
38 F2 64 97 116 G15
PC7
I/O FT
-
I2S3_MCK, TIM8_CH2,
SDIO_D7, USART6_RX,
DCMI_D1, TIM3_CH2,
EVENTOUT
-
39 F3 65 98 117 G14
PC8
I/O FT
-
TIM8_CH3,SDIO_D0,
TIM3_CH3, USART6_CK,
DCMI_D2, EVENTOUT
-
40 D1 66 99 118 F14
PC9
I/O FT
-
I2S2_CKIN, I2S3_CKIN,
MCO2, TIM8_CH4,
SDIO_D1, I2C3_SDA,
DCMI_D3, TIM3_CH4,
EVENTOUT
-
41 E2 67 100 119 F15
PA8
I/O FT
-
MCO1, USART1_CK,
TIM1_CH1, I2C3_SCL,
OTG_FS_SOF, EVENTOUT
-
42 E3 68 101 120 E15
PA9
I/O FT
-
USART1_TX, TIM1_CH2,
I2C3_SMBA, DCMI_D0,
EVENTOUT
OTG_FS_
VBUS
43 D3 69 102 121 D15
PA10
I/O FT
-
USART1_RX, TIM1_CH3,
OTG_FS_ID,DCMI_D1,
EVENTOUT
-
44 D2 70 103 122 C15
PA11
I/O FT
-
USART1_CTS, CAN1_RX,
TIM1_CH4,OTG_FS_DM,
EVENTOUT
-
45 C1 71 104 123 B15
PA12
I/O FT
-
USART1_RTS, CAN1_TX,
TIM1_ETR, OTG_FS_DP,
EVENTOUT
-
46 B2 72 105 124 A15
PA13
(JTMS-SWDIO)
I/O FT
-
JTMS-SWDIO, EVENTOUT
-
47 C2 73 106 125 F13
VCAP_2
S-
-
-
-
-
B1 74 107 126 F12
VSS
S-
-
-
-
48 A8 75 108 127 G13
VDD
S-
-
-
-
-
-
-
- 128 E12
PH13
I/O FT
-
TIM8_CH1N, CAN1_TX,
EVENTOUT
-
-
-
-
- 129 E13
PH14
I/O FT
-
TIM8_CH2N, DCMI_D4,
EVENTOUT
-
Table 8. STM32F20x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More