Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

X24C01PI-3 Datasheet(PDF) 7 Page - IC MICROSYSTEMS

No. de pieza X24C01PI-3
Descripción Electrónicos  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICMIC [IC MICROSYSTEMS]
Página de inicio  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01PI-3 Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X24C01PI-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 10Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
X24C01
7
Sequential Read
Sequential read is initiated in the same manner as the
byte read. The first data byte is transmitted as with the
byte read mode, however, the master now responds
with an acknowledge, indicating it requires additional
data. The X24C01 continues to output data for each
acknowledge received. The read operation is termi-
nated by the master; by not responding with an acknowl-
edge and by issuing a stop condition.
The data output is sequential, with the data from address
n followed by the data from n + 1. The address counter
for read operations increments all address bits, allowing
the entire memory contents to be serially read during
one operation. At the end of the address space (address
127) the counter “rolls over” to zero and the X24C01
continues to output data for each acknowledge re-
ceived. Refer to Figure 8 for the address, acknowledge
and data transfer sequence.
Figure 8. Sequential Read
3837 FHD F13
Figure 9. Typical System Configuration
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
PULL-UP
RESISTORS
SDA
SCL
V
CC
3837 FHD F14
BUS ACTIVITY:
SDA LINE
BUS ACTIVITY:
X24C01
ADDRESS
A
C
K
A
C
K
DATA n+x
S
T
O
P
P
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+2
R
/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com