| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FBA08T24HC Datasheet(PDF) 2 Page - NMB Technologies Corporation |
|
|
|||||||||||||||||||||||||||||
FBA08T24HC Datasheet(HTML) 2 Page - NMB Technologies Corporation |
|
2 / 2 page ![]() DC Axial Fans Part Numbering System http://www.eminebea.com/content/html/en/engineering/fans/Description_DCAx_FB.shtml13/02/2008 17:28:33 Fan Motors Engineering Information DC Fans 1.Common Spec. 2.Numbering (Axial Fans) 3.Numbering (FB) 4.Numbering (Blowers BM) 5.Numbering (Blowers BG) 6.Numbering (FAL) 7.Sensors 8.Speed Control AC Fans Technical Information Handling Precautions Quality & Environment DC Axial Fans FB Series Part Numbering System To show details, place the mouse cursor on each item of the part number. Click "Display All" button to show all details. FB A 08 A 12 H 1 A S (1) (2) (3) (4) (5) (6) (7) (8) (9) 1. Motor type FB DC Axial fans 2. Bearing type or Motor Type A HWB K Ball bearing L ES Series 3. Housing Size 04 40 X 40mm 09 92 X 92mm 06 60 X 60mm 12 120 X 120mm 08 80 X 80mm 4. Housing thickness A 25.5mm F 20mm T 15mm H 42mm G 38mm 5. Rated voltage 12 12V 24 24V 6. Speed L Low M Middle H High V Variable (Option) 7. Terminal 1 With leads No leads 8. Lead wire A Standard 2 leads B Standard 3 leads C Optional leads 9. Option S Locked sensor X Tacho sensor Z Solid corner housing O S + Z Copyright 2002-2006 Minebea Co., Ltd. Product Catalog Engineering Info Company Links Contact Us |