Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

X24C02PI Datasheet(PDF) 11 Page - IC MICROSYSTEMS

No. de pieza X24C02PI
Descripción Electrónicos  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICMIC [IC MICROSYSTEMS]
Página de inicio  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02PI Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24C02PI Datasheet HTML 7Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 8Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 9Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 10Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 11Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 12Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 13Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 14Page - IC MICROSYSTEMS X24C02PI Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X24C02
11
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
SYMBOL TABLE
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
OUTPUTS
INPUTS
WAVEFORM
120
100
80
40
60
20
20
40
60
80100120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
R
MAX
=
C
BUS
t
R
R
MIN
=
I
OL MIN
V
CC MAX
=1.8KΟ
3838 FHD F17
WRITE CYCLE LIMITS
Symbol
Parameter
Min.
Typ.
(5)
Max.
Units
t
WR
(6)
Write Cycle Time
5
10
ms
3838 PGM T08
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle.
During the write cycle, the X24C02 bus interface circuits are disabled, SDA is allowed to remain high, and the device does not
respond to its slave address.
Write Cycle Timing
3838 FHD F05
SCL
SDA
8th BIT
WORD n
ACK
t
WR
STOP
CONDITION
START
CONDITION
X24C02
ADDRESS
Notes: (5)Typical values are for TA = 25 C and nominal supply voltage (5V)
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com