Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F427AGY7 Datasheet(PDF) 79 Page - STMicroelectronics

No. de pieza STM32F427AGY7
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AGY7 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F427AGY7 Datasheet HTML 75Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 76Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 77Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 78Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 79Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 80Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 81Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 82Page - STMicroelectronics STM32F427AGY7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 231 page
background image
Port F
PF8
-
-
-
-
-
SPI5_
MISO
SAI1_
SCK_B
-
-
TIM13_CH1
-
-
FMC_
NIOWR
--
EVEN
TOUT
PF9
-
-
-
-
-
SPI5_
MOSI
SAI1_
FS_B
-
-
TIM14_CH1
-
-
FMC_CD
-
-
EVEN
TOUT
PF10
-
-
-
-
-
-
-
-
-
-
-
-
FMC_INTR
DCMI_
D11
LCD_DE
EVEN
TOUT
PF11
-
-
-
-
-
SPI5_
MOSI
--
-
-
-
-
FMC_
SDNRAS
DCMI_
D12
-
EVEN
TOUT
PF12
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A6
-
-
EVEN
TOUT
PF13
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A7
-
-
EVEN
TOUT
PF14
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A8
-
-
EVEN
TOUT
PF15
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A9
-
-
EVEN
TOUT
Port
G
PG0
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A10
-
-
EVEN
TOUT
PG1
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A11
-
-
EVEN
TOUT
PG2
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A12
-
-
EVEN
TOUT
PG3
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A13
-
-
EVEN
TOUT
PG4
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A14/
FMC_BA0
--
EVEN
TOUT
PG5
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A15/
FMC_BA1
--
EVEN
TOUT
PG6
-
-
-
-
-
-
-
-
-
-
-
-
FMC_INT2
DCMI_
D12
LCD_R7
EVEN
TOUT
PG7
-
-
-
-
-
-
-
-
USART6_
CK
--
-
FMC_INT3
DCMI_
D13
LCD_
CLK
EVEN
TOUT
PG8
-
-
-
-
-
SPI6_
NSS
--
USART6_
RTS
--
ETH_PPS
_OUT
FMC_SDC
LK
--
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More